Electronic Components Datasheet Search
  English  ▼

X  

CT400A Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # CT400A
Description  Current Transformers - Indoor Toroidal CT Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

CT400A Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  CT400A Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
108
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Current Transformers - Indoor Toroidal (CT Series)
SMALL CURRENT TRANSFORMERS
Toroidal design.
•
Supplied with 24" insulated secondary leads, terminated with crimped ring connectors.
•
Suitable for use with bare (uninsulated) primary conductor in circuits up to 600 V (4 KV Hi pot); or at higher voltages
•
when a suitably insulated conductor is used.
All units have 5 A secondary for use with standard AC ammeters with 5 A movements.
•
Two hole mounting bracket on all models.
•
Part No.
Current
Ratio
Pri./Sec.
Accuracy
%
Burden
VA
Dimensions (Inches)
Mtg.
Slots
Ship
Wt.
Lb.
A
B
C
D
E
F
G
H
CT50A
50:5
3.2
2
3.75 1.75 3.25 3.00 0.87 2.87 .22
.37
1.3
CT60A
60:5
2.4
2
3.75 1.75 3.25 3.00 0.87 2.87 .22
.37
1.4
CT75A
75:5
2.0
2
3.75 1.75 3.25 3.00 0.87 2.87 .22
.37
1.5
CT100A
100:5
2.0
2
3.75 1.75 3.25 3.00 1.20 2.87 .22
.37
1.1
CT150A
150:5
1.2
2
3.75 1.75 3.25 3.00 1.20 2.87 .22
.37
1.4
CT200A
200:5
1.2
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.7
CT250A
250:5
0.6
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.7
1.2
5
CT300A
300:5
0.6
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.8
1.2
10
CT400A
400:5
0.6
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.8
1.2
10
CT500A
500:5
0.3
2
4.75 1.75 4.25 4.00 2.20 3.87 .22
.37
1.8
1.2
20
CT600A
600:5
0.3
2
6.00 1.75 5.25 5.25 3.50 5.12 .28
.37
2.5
1.2
20
CT800A
800:5
0.3
5
6.00 1.75 5.25 5.25 3.50 5.12 .28
.37
2.8
1.2
50
CT1000A
1000:5
0.3
5
7.00 1.75 6.25 6.25 4.50 6.12 .28
.37
3.3
1.2
50
CT1200A
1200:5
0.3
10
8.00 1.75 7.25 7.25 5.50 7.12 .28
.37
3.8
1.2
50
G x H


Similar Part No. - CT400A

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT40 CDIL-CT40 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
16-Line Cable Identifier/Tester Kit
logo
Central Technologies
CT4015F CT-CT4015F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
logo
Renesas Technology Corp
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
Nch IGBT for Strobe Flasher
CT40KM-8H RENESAS-CT40KM-8H Datasheet
61Kb / 5P
Nch IGBT for Strobe Flasher
More results

Similar Description - CT400A

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
SRT30 ECM-SRT30 Datasheet
391Kb / 1P
Toroidal Transformers
logo
Kemet Corporation
SE0203-CT KEMET-SE0203-CT Datasheet
297Kb / 5P
CT Series Low Current AC
CT-06-75 KEMET-CT-06-75 Datasheet
68Kb / 1P
KEMET, CT, Current, Round - Toroidal, AC, Overcurrent/Currect Detection, High Sensitivity, High Performance
logo
Myrra
74500 MYRRA-74500 Datasheet
84Kb / 1P
CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
CURRENT TRANSFORMERS
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com