Electronic Components Datasheet Search
  English  ▼

X  

HCMS-3913 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3913
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3913 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-3913 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCMS-3913 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Table 2. Control Shift Register.
L
D6
D5
D4
D3
D2
D1
D0
Bit D7
Set Low
to Select
Control
Word 0
On-Time
Duty
Relative
Oscillator
Factor
Brightness
Cycles
(%)
(%)
0
0
0
1
0.2
1.7
2
0.4
3.3
3
0.6
5.0
4
0.8
6.7
5
1.0
8.3
7
1.4
11.7
9
1.8
15
11
2.1
18
14
2.7
23
18
3.5
30
22
4.3
37
28
5.5
47
36
7.0
60
48
9.4
80
60
11.7
100
PWM Brightness Control
L
L
L
L
L
L
L
H
L
L
H
L
L
L
H
H
L
H
L
L
L
H
L
H
L
H
H
L
L
H
H
H
H
L
L
L
H
L
L
H
H
L
H
L
H
L
H
H
H
H
L
L
H
H
L
H
H
H
H
L
H
H
H
H
Peak Current
Typical Peak
Relative Full
Brightness
Pixel Current
Scale Current
Control
(mA)
(Relative Brightness, %)
H
L
4.0
31
L
H
6.4
50
L
L
9.3
73 (Default at Power Up)
H
H
12.8
100
SLEEP MODE
L – DISABLES INTERNAL OSCILLATOR-DISPLAY BLANK
H – NORMAL OPERATION
CONTROL WORD 0
H
L
L
L
L
L
D1
D0
CONTROL WORD 1
Bit D7
Set High
to Select
Control
Word 1
Reserved for Future
Use (Bits D2-D6 must
be set Low)
Serial/Simultaneous Data Out
L – DOUT holds contents of Bit D7
H – DOUT is functionally tied to Din
External Display Oscillator Pres-
caler
L – Oscillator Freq ÷ 1
H – Oscillator Freq ÷ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com