Electronic Components Datasheet Search
  English  ▼

X  

166F36 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 166F36
Description  OPEN STYLE FILAMENT L.V RECTIFLER USE TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

166F36 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  166F36 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 166F36 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
August 2008
OPEN STYLE
FILAMENT & L.V. RECTIFIER USE
TRANSFORMERS
- Economical single primary 115 VAC, 60 Hz. or 117 VAC,
50/60 Hz. (see tables).
- All secondaries center tapped, VAC (RMS)
- Open style, channel bracket, two hole chassis mount.
- Minimum 6” long leads.
- Dual bobbin design - no electrostatic shield required.
- Class B insulation (130 degrees, C)
- Hi-Pot test of 2,000V RMS.
- UL Listed
- CSA Certified
- For more information on this series, go to:
http://www.hammondmfg.com/166.htm
Transformer Schematic
Blk
Blk
Grn/Yel
Grn
Grn
Part No.
VA
Primary
Secondary (R.M.S.)
Dim
Ref.
VAC
Amps
166F2
0.63
115 V 60 Hz.
2.5 C.T.
0.25
C2H
166G2
1.25
115 V 60 Hz.
2.5 C.T.
0.5
C2H
166J2
2.5
115 V 60 Hz.
2.5 C.T.
1
C3H
166K2
3.75
115 V 60 Hz.
2.5 C.T.
1.5
C4H
166L2
6.25
115 V 60 Hz.
2.5 C.T.
2.5
C6H
166M2
7.5
115 V 60 Hz.
2.5 C.T.
3
C6H
166Q2
15
115 V 60 Hz.
2.5 C.T.
6
C8H
166S2
25
115 V 60 Hz.
2.5 C.T.
10
C12H
166F5
1.25
115 V 60 Hz.
5 C.T.
0.25
C2H
166G5
2.5
115 V 60 Hz.
5 C.T.
0.5
C3H
166J5
5
115 V 60 Hz.
5 C.T.
1
C5H
166L5
10
115 V 60 Hz.
5 C.T.
2
C7H
166MS
15
115 V 60 Hz.
5 C.T.
3
C9H
166R5
40
115 V 60 Hz.
5 C.T.
8
C12H
166RS
40
115 V 60 Hz.
5 C.T.
8
C16H
166S5
50
115 V 60 Hz.
5 C.T.
10
C13H
Part No.
VA
Primary
Secondary (R.M.S.)
Dim
Ref.
VAC
Amps
166U5
75
115 V 60 Hz.
5 C.T.
15
C14H
166V5
100
115 V 60 Hz.
5 C.T.
20
C16H
166E6
0.95
115 V 60 Hz.
6.3 C.T.
0.15
C2H
166F6
1.89
115 V 60 Hz.
6.3 C.T.
0.3
C3H
166G6
3.78
115 V 60 Hz.
6.3 C.T.
0.6
C4H
166J6
6.3
115 V 60 Hz.
6.3 C.T.
1
C6H
166K6
7.56
115 V 60 Hz.
6.3 C.T.
1.2
C6H
166K6B
7.56 117 V 50/60 Hz.
6.3 C.T.
1.2
C6H
166L6
12.6
115 V 60 Hz.
6.3 C.T.
2
C7H
166M6
18.9 117 V 50/60 Hz.
6.3 C.T.
3
C10H
166N6
25.2
115 V 60 Hz.
6.3 C.T.
4
C9H
166Q6
37.8
115 V 60 Hz.
6.3 C.T.
6
C12H
166S6
63
115 V 60 Hz.
6.3 C.T.
10
C14H
166G7
4.9
115 V 60 Hz.
7 C.T.
0.7
C5H
166U7
112.5
115 V 60 Hz.
7.5 C.T.
15
C16H
166G8
4
115 V 60 Hz.
8 C.T.
0.5
C4H
Mtg.
Style
Dimensions
(Inches)
Mtg. Hole/Slot
(Inches)
A
B
C
D
E
B1H
3.44
2.98
4.13
2.75
2.38
0.203 x 0.375
B2H
3.75
3.56
4.50
3.00
3.00
0.203 x 0.375
C0H
1.35
0.69
0.69
1.06
-
0.125
C1H
1.63
0.88
0.81
1.38
-
0.125
C2H
2.06
1.25
1.19
1.75
-
0.187
C3H
2.06
1.38
1.19
1.75
-
0.187
C4H
2.38
1.38
1.38
2.00
-
0.187
C5H
2.38
1.50
1.38
2.00
-
0.187
C6H
2.81
1.50
1.69
2.38
-
0.187
C7H
2.81
1.63
1.69
2.38
-
0.187
C8H
3.25
1.63
2.00
2.81
-
0.187
C9H
3.25
1.75
2.00
2.81
-
0.187
C10H
3.25
2.00
2.00
2.81
-
0.187
C11H
3.69
1.88
2.31
3.13
-
0.187
C12H
3.69
2.00
2.31
3.13
-
0.187
C13H
3.69
2.13
2.31
3.13
-
0.187
C14H
4.03
2.25
2.63
3.56
-
0.187
C15H
4.03
2.50
2.63
3.56
-
0.187
C16H
4.50
2.50
3.00
4.00
-
0.203
Dimension Table


Similar Part No. - 166F36

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
166-12 DWYER-166-12 Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
166-12-CF DWYER-166-12-CF Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
logo
HellermannTyton.
166-31912 HELLERMANNTYTON-166-31912 Datasheet
290Kb / 4P
LTS Galvanised Steel Conduit with PVC Cover 10m
06/05/2023
logo
Dwyer Instruments,
166-6 DWYER-166-6 Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
166-6-CF DWYER-166-6-CF Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
More results

Similar Description - 166F36

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM41 BITECH-HM41 Datasheet
406Kb / 2P
Toroid Style Gate Drive Transformers
logo
New Jersey Semi-Conduct...
1N5822-179 NJSEMI-1N5822-179 Datasheet
78Kb / 1P
SCHOTTKY RECTIFLER
logo
Gaomi Xinghe Electronic...
1N5817 GXELECTRONICS-1N5817 Datasheet
325Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR820S GXELECTRONICS-SR820S Datasheet
344Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1020 GXELECTRONICS-SR1020 Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFLER
logo
Pulse A Technitrol Comp...
14A-2.5-10B1 PULSE-14A-2.5-10B1 Datasheet
164Kb / 1P
Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
logo
Powerex Power Semicondu...
R5000210XXWA POWEREX-R5000210XXWA Datasheet
514Kb / 4P
Gnenral Purpose Rectifler
logo
Bi technologies
HM41 BITECH-HM41_15 Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
logo
TT Electronics.
HM41 TTELEC-HM41 Datasheet
702Kb / 2P
Toroid Style Gate Drive Transformers
logo
Pulse A Technitrol Comp...
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com