Electronic Components Datasheet Search
  English  ▼

X  

AD976AARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD976AARZ
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976AARZ Datasheet(HTML) 3 Page - Analog Devices

  AD976AARZ Datasheet HTML 1Page - Analog Devices AD976AARZ Datasheet HTML 2Page - Analog Devices AD976AARZ Datasheet HTML 3Page - Analog Devices AD976AARZ Datasheet HTML 4Page - Analog Devices AD976AARZ Datasheet HTML 5Page - Analog Devices AD976AARZ Datasheet HTML 6Page - Analog Devices AD976AARZ Datasheet HTML 7Page - Analog Devices AD976AARZ Datasheet HTML 8Page - Analog Devices AD976AARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. C
AD976/AD976A
AD976–SPECIFICATIONS
AD976A
AD976B
AD976C
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
16
16
16
Bits
ANALOG INPUT
Voltage Range
±10
±10
±10
V
Impedance
23
23
23
k
Ω
Capacitance
22
22
22
pF
THROUGHPUT SPEED
Complete Cycle
10
10
10
µs
Throughput Rate
100
100
100
kHz
DC ACCURACY
Integral Linearity Error
±3
±2
±3
LSB
1
Differential Linearity Error
–2
+3
–1
+1.75
±2
LSB
No Missing Codes
15
16
15
Bit
Transition Noise
2
1.0
1.0
1.0
LSB
Full-Scale Error3, 4
±0.5
±0.25
±0.5
%
Full-Scale Error Drift
±7
±7
±7
ppm/
°C
Full-Scale Error, Ext. REF = 2.5 V
±0.5
±0.25
±0.5
%
Full-Scale Error Drift, Ext. REF = 2.5 V
±2
±2
±2
ppm/
°C
Bipolar Zero Error4
±10
±10
±15
mV
Bipolar Zero Error Drift
±2
±2
±2
ppm/
°C
Power Supply Sensitivity
VANA = VDIG = VD = 5 V ± 5%
±8
±8
±8
LSB
AC ACCURACY
Spurious Free Dynamic Range5
90
96
90
dB6
Total Harmonic Distortion5
–90
–96
–90
dB
Signal to (Noise + Distortion)
5
83
85
83
dB
–60 dB Input
27
28
27
dB
Signal to Noise5
83
85
83
dB
Full-Power Bandwidth
7
700
700
700
kHz
Input Bandwidth
1.5
1.5
1.5
MHz
SAMPLING DYNAMICS
Aperture Delay
40
40
40
ns
Transient Response
Full-Scale Step
2
2
2
µs
Overvoltage Recovery
8
150
150
150
ns
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal Reference Source Current
1
1
1
µA
External Reference Voltage Range
for Specified Linearity
2.3
2.5
2.7
2.3
2.5
2.7
2.3
2.5
2.7
V
External Reference Current Drain
Ext. REF = 2.5 V
100
100
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
–0.3
+0.8
–0.3
+0.8
V
VIH
+2.0
VDIG + 0.3
+2.0
VDIG + 0.3
+2.0
VDIG + 0.3
V
IIL
±10
±10
±10
µA
IIH
±10
±10
±10
µA
NOTES
1LSB means least significant bit. With a
± 10 V input, one LSB is 305 µV.
2Typical rms noise at worst case transitions and temperatures.
3Measured with fixed resistors as shown in Figure 5 (AD976) and Figure 6 (AD976A). Adjustable to zero as shown in Figure 7.
4Full-scale error is expressed as the % difference between the actual full-scale code transition voltage and the ideal full-scale transition voltage and includes the effect
of offset error. The full-scale error is the worst case of either the –full-scale or +full-scale code transition voltage errors.
5f
IN = 20 kHz (AD976) and fIN = 45 kHz (AD976A), 0.5 dB down, unless otherwise noted.
6All specifications in dB are referred to a full scale
± 10 V input.
7Full-power bandwidth is defined as full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB or 10 bits of accuracy.
8Recovers to specified performance after a 2
× F
S input overvoltage.
Specifications subject to change without notice.
(–40 C to +85 C, FS = 100 kHz, Ref = Internal Reference,
VDIG = VANA = +5 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com