Electronic Components Datasheet Search
  English  ▼

X  

MCS0402 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MCS0402
Description  Professional Thin Film Chip Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402 Datasheet(HTML) 4 Page - Vishay Siliconix

  MCS0402 Datasheet HTML 1Page - Vishay Siliconix MCS0402 Datasheet HTML 2Page - Vishay Siliconix MCS0402 Datasheet HTML 3Page - Vishay Siliconix MCS0402 Datasheet HTML 4Page - Vishay Siliconix MCS0402 Datasheet HTML 5Page - Vishay Siliconix MCS0402 Datasheet HTML 6Page - Vishay Siliconix MCS0402 Datasheet HTML 7Page - Vishay Siliconix MCS0402 Datasheet HTML 8Page - Vishay Siliconix MCS0402 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
4
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high
grade (Al2O3) ceramic substrate and conditioned to achieve
the desired temperature coefficient. Specially designed
inner contacts are deposited on both sides. A special laser
is used to achieve the target value by smoothly cutting a
meander groove in the resistive layer without damaging the
ceramics. For the high and low ohmic range, optimized
Cermet products provide comparable properties. The
resistor elements are covered by a protective coating
designed for electrical, mechanical and climatic protection.
The terminations receive a final pure tin on nickel plating.
The result of the determined production is verified by an
extensive
testing
procedure
and
optical
inspection
performed on 100 % of the individual chip resistors. This
includes full screening for the elimination of products with
potential risk of early field failures (feasible for R
 10 ).
Only accepted products are laid directly into the paper tape
in accordance with IEC 60286-3 (3).
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic
soldering using wave, reflow or vapour phase as shown in
IEC 61760-1. The encapsulation is resistant to all cleaning
solvents commonly used in the electronics industry,
including alcohols, esters and aqueous solutions. The
suitability of conformal coatings, if applied, shall be qualified
by appropriate means to ensure the long-term stability of the
whole system.
The resistors are RoHS compliant, the pure tin plating
provides
compatibility
with
lead
(Pb)-free
and
lead-containing
soldering
processes.
Solderability
is
specified for 2 years after production or requalification. The
permitted storage time is 20 years. The immunity of the
plating against tin whisker growth has been proven under
extensive testing.
All
products
comply
with
the
GADSL
(1)
and the
CEFIC-EECA-EICTA
(2)
list
of
legal
restrictions
on
hazardous substances. This includes full compliance with
the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) an Annex II
(ELV II)
• 2011/65/EU
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
APPROVALS
The resistors are approved within the IECQ-CECC Quality
Assessment System for Electronic Components to the detail
specification EN 140401-801 which refers to EN 60115-1,
EN 140400 and the variety of environmental test procedures
of the IEC 60068 (3) series. The detail specification refers to
the climatic category 55/125/56, which relates to the
“standard operation mode” of this datasheet.
Conformity is attested by the use of the CECC logo (
) as
the mark of conformity on the package label.
Vishay
BEYSCHLAG
has
achieved
“Approval
of
Manufacturer” in accordance with IECQ 03-1. The release
certificate
for
“Technology
Approval
Schedule”
in
accordance with CECC 240001 based on IECQ 03-3 is
granted
for
the
Vishay
BEYSCHLAG
manufacturing
process.
RELATED PRODUCTS
For more information about products with better TCR and
tighter tolerance please refer to the Precision Thin Film
Chip Resistors datasheet (www.vishay.com/doc?28700).
Resistors are available with established reliability in
accordance with EN 140401-801 version E. Please refer to
the special datasheet (www.vishay.com/doc?28744) for
information on failure rate level, available resistance ranges
and order codes.
Precision chip resistor arrays may be used in voltage
divider applications or precision amplifiers where close
matching between multiple resistors is necessary. ACAS
0612 chip arrays are specified by the following datasheets:
• Professional type (www.vishay.com/doc?28754)
• Precision type (www.vishay.com/doc?28751)
Notes
(1) Global Automotive Declarable Substance List, see www.gadsl.org.
(2) CEFIC (European Chemical Industry Council), EECA (European Electronic Component Manufacturers Association), EICTA (European trade
organisation
representing
the
information
and
communications
technology
and
consumer
electronics),
see
www.eicta.org/index.php?id=995
 issues  environment policy  chemicals  chemicals for electronics.
(3) The quoted IEC standards are also released as EN standards with the same number and identical contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com