Electronic Components Datasheet Search
  English  ▼

X  

UTL-2 Datasheet(PDF) 2 Page - Riedon Powertron

Part # UTL-2
Description  Low Cost Silicone Coated Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UTL-2 Datasheet(HTML) 2 Page - Riedon Powertron

  UTL-2 Datasheet HTML 1Page - Riedon Powertron UTL-2 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
UTL Series
SiliconeCoatedPowerResistors
-40
0
40
80
120
160
200
240
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Specification
Value
Tolerances
±5%(1,3,and10%onRequest)
TempertureCoefficient
<10W:0to600ppm/°C
≥10W:-80to+140ppm/°C
TemperatureRange
-40°Cto+200°C
ClimaticCategory(IEC60068)
40/200/56
BasicSpecification
IEC60115-1
MaximumVoltage
P x R
EnvironmentalPerformance
D
R
LoadLife(1000hatratedpower,1.5hON,0.5hOFF)
±5%+0.1W
MoistureResistance(56d@40°C,90-95%RH)
±1%+0.05W
ThermalShock(30m@-40°C,30m@+200°C,5cycles)
±1%+0.05W
10XOverload(5s)
±2%+0.1W
Vibration(10to500Hz,10g,6h)
±0.5%+0.05W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com