Electronic Components Datasheet Search
  English  ▼

X  

AD7859ASZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7859ASZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859ASZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7859ASZ Datasheet HTML 15Page - Analog Devices AD7859ASZ Datasheet HTML 16Page - Analog Devices AD7859ASZ Datasheet HTML 17Page - Analog Devices AD7859ASZ Datasheet HTML 18Page - Analog Devices AD7859ASZ Datasheet HTML 19Page - Analog Devices AD7859ASZ Datasheet HTML 20Page - Analog Devices AD7859ASZ Datasheet HTML 21Page - Analog Devices AD7859ASZ Datasheet HTML 22Page - Analog Devices AD7859ASZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7859/AD7859L
REV. A
–19–
POWER VS. THROUGHPUT RATE
The main advantage of a full power-down after a conversion is
that it significantly reduces the power consumption of the part
at lower throughput rates. When using this mode of operation,
the AD7859/AD7859L is only powered up for the duration of
the conversion. If the power-up time of the AD7859/AD7859L
is taken to be 5
µs and it is assumed that the current during
power up is 4.5 mA/1.5 mA typ, then power consumption as a
function of throughput can easily be calculated. The AD7859
has a conversion time of 4.6
µs with a 4 MHz external clock and
the AD7859L has a conversion time of 9
µs with a 1.8 MHz
clock. This means the AD7859/AD7859L consumes 4.5 mA/
1.5 mA typ for 9.6
µs/14 µs in every conversion cycle if the parts
are powered down at the end of a conversion. The two graphs,
Figure 24 and Figure 25, show the power consumption of the
AD7859 and AD7859L for VDD = 3 V as a function of through-
put. Table VIII lists the power consumption for various
throughput rates.
Table VIII. Power Consumption vs. Throughput
Power
Power
Throughput Rate
AD7859
AD7859L
1 kSPS
130
µW65 µW
10 kSPS
1.3 mW
650
µW
20 kSPS
2.6 mW
1.25 mW
50 kSPS
6.48 mW
3.2 mW
1.8MHz
OSCILLATOR
AVDD DVDD
AIN(+)
AIN(–)
CREF1
CREF2
SLEEP
DB15
DB0
CONVST
AGND
DGND
CLKIN
REFIN/REFOUT
AD7859L
ANALOG
SUPPLY
+3V
0.1µF
0.1µF
10µF
0.1µF
0.01µF
CONVERSION
START SIGNAL
0.1µF
CAL
0V TO 2.5V
INPUT
OPTIONAL
EXTERNAL
REFERENCE
CS
RD
WR
W/B
BUSY
DVDD
REF192
CURRENT,
I = 1.5mA TYP
LOW
POWER
µC/µP
Figure 23. Typical Low Power Circuit
CONVST
BUSY
5µs
4.6µs
tCONVERT
START CONVERSION ON RISING EDGE
POWER UP ON FALLING EDGE
POWER-UP
TIME
NORMAL
OPERATION
FULL
POWER-DOWN
POWER-UP
TIME
Figure 21. Using the CONVST Pin to Power Up the AD7859
for a Conversion
Using The Internal (On-Chip) Reference
As in the case of an external reference, the AD7859/AD7859L
can power up from one of two conditions, power-up after the
supplies are connected or power-up from hardware/software
power-down.
When using the on-chip reference and powering up when AVDD
and DVDD are first connected, it is recommended that the
power-up calibration mode be disabled as explained above.
When using the on-chip reference, the power-up time is effec-
tively the time it takes to charge up the external capacitor on the
REFIN/REFOUT pin. This time is given by the equation:
tUP = 9
× R × C
where R
≈ 150K and C = external capacitor.
The recommended value of the external capacitor is 100 nF;
this gives a power-up time of approximately 135 ms before a
calibration is initiated and normal operation should commence.
When CREF is fully charged, the power-up time from a hardware
or software power-down reduces to 5
µs. This is because an in-
ternal switch opens to provide a high impedance discharge path
for the reference capacitor during power-down—see Figure 22.
An added advantage of the low charge leakage from the refer-
ence capacitor during power-down is that even though the refer-
ence is being powered down between conversions, the reference
capacitor holds the reference voltage to within 0.5 LSBs with
throughput rates of 100 samples/second and over with a full
power-down between conversions. A high input impedance op
amp like the AD707 should be used to buffer this reference
capacitor if it is being used externally. Note, if the AD7859/
AD7859L is left in its powered-down state for more than
100 ms, the charge on CREF will start to leak away and the
power-up time will increase. If this long power-up time is a
problem, the user can use a partial power-down for the last con-
version so the reference remains powered up.
BUF
ON-CHIP
REFERENCE
TO OTHER
CIRCUITRY
SWITCH OPENS
DURING POWER-DOWN
REFIN/OUT
EXTERNAL
CAPACITOR
Figure 22. On-Chip Reference During Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com