Electronic Components Datasheet Search
  English  ▼

X  

AD7859AS Datasheet(PDF) 18 Page - Analog Devices

Part # AD7859AS
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859AS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7859AS Datasheet HTML 14Page - Analog Devices AD7859AS Datasheet HTML 15Page - Analog Devices AD7859AS Datasheet HTML 16Page - Analog Devices AD7859AS Datasheet HTML 17Page - Analog Devices AD7859AS Datasheet HTML 18Page - Analog Devices AD7859AS Datasheet HTML 19Page - Analog Devices AD7859AS Datasheet HTML 20Page - Analog Devices AD7859AS Datasheet HTML 21Page - Analog Devices AD7859AS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7859/AD7859L
REV. A
–18–
INPUT FREQUENCY – kHz
–78
–80
–88
0
100
20
40
60
80
–82
–84
–86
AVDD = DVDD = 3.3V/5.0V
100mV pk-pk SINEWAVE ON AVDD
–90
3.3V
5.0V
Figure 20. PSRR vs. Frequency
POWER-DOWN OPTIONS
The AD7859/AD7859L provides flexible power management to
allow the user to achieve the best power performance for a given
throughput rate. The power management options are selected
by programming the power management bits, PMGT1 and
PMGT0, in the control register and by use of the SLEEP pin.
Table VII summarizes the power-down options that are avail-
able and how they can be selected by using either software,
hardware or a combination of both. The AD7859/AD7859L can
be fully or partially powered down. When fully powered down,
all the on-chip circuitry is powered down and IDD is 10
µA typ.
If a partial power-down is selected, then all the on-chip circuitry
except the reference is powered down and IDD is 400 µA typ.
The choice of full or partial power-down does not give any sig-
nificant improvement in throughput with a power-down between
conversions. This is discussed in the next section—Power-Up
Times. But a partial power-down does allow the on-chip refer-
ence to be used externally even though the rest of the AD7859/
AD7859L circuitry is powered down. It also allows the
AD7859/AD7859L to be powered up faster after a long power-
down period when using the on-chip reference (See Power-Up
Times—Using On-Chip Reference).
When using the SLEEP pin, the power management bits
PMGT1 and PMGT0 should be set to zero. Bringing the
SLEEP
pin logic high ensures normal operation, and the part
does not power down at any stage. This may be necessary if the
part is being used at high throughput rates when it is not pos-
sible to power down between conversions. If the user wishes to
power down between conversions at lower throughput rates
(i.e., <100 kSPS for the AD7859 and <60 kSPS for the
AD7859L) to achieve better power performances, then the
SLEEP
pin should be tied logic low.
If the power-down options are to be selected in software only,
then the SLEEP pin should be tied logic high. By setting the
power management bits PMGT1 and PMGT0 as shown in
Table VII, a Full Power-Down, Full Power-Up, Full Power-
Down Between Conversions, and a Partial Power-Down Be-
tween Conversions can be selected.
A combination of hardware and software selection can also be
used to achieve the desired effect.
Table VII. Power Management Options
PMGT1
PMGT0
SLEEP
Bit
Bit
Pin
Comment
0
0
0
Full Power-Down Between
Conversions (HW / SW)
0
0
1
Full Power-Up (HW / SW)
0
1
X
Full Power-Down Between
Conversions (SW )
1
0
X
Full Power-Down (SW)
1
1
X
Partial Power-Down Between
Conversions (SW)
NOTE
SW = Software selection, HW = Hardware selection.
POWER-UP TIMES
Using An External Reference
When the AD7859/AD7859L are powered up, the parts are
powered up from one of two conditions. First, when the power
supplies are initially powered up and, secondly, when the parts
are powered up from either a hardware or software power-down
(see last section).
When AVDD and DVDD are powered up, the AD7859/AD7859L
enters a mode whereby the CONVST signal initiates a timeout
followed by a self-calibration. The total time taken for this time-
out and calibration is approximately 70 ms—see Calibration on
Power-Up in the calibration section of this data sheet. During
power-up the functionality of the SLEEP pin is disabled, i.e.,
the part will not power down until the end of the calibration if
SLEEP
is tied logic low. The power-up calibration mode can be
disabled if the user writes to the control register before a
CONVST
signal is applied. If the time out and self-calibration
are disabled, then the user must take into account the time
required by the AD7859/AD7859L to power up before a self-
calibration is carried out. This power-up time is the time taken
for the AD7859/AD7859L to power up when power is first
applied (300
µs typ) or the time it takes the external reference to
settle to the 12-bit level—whichever is the longer.
The AD7859/AD7859L powers up from a full hardware or soft-
ware power-down in 5
µs typ. This limits the throughput which
the part is capable of to 100 kSPS for the AD7859 and 60 kSPS
for the AD7859L when powering down between conversions.
Figure 21 shows how power-down between conversions is
implemented using the CONVST pin. The user first selects the
power-down between conversions option by using the SLEEP
pin and the power management bits, PMGT1 and PMGT0, in
the control register. See last section. In this mode the AD7859/
AD7859L automatically enters a full power-down at the end of
a conversion, i.e., when BUSY goes low. The falling edge of the
next CONVST pulse causes the part to power up. Assuming the
external reference is left powered up, the AD7859/AD7859L
should be ready for normal operation 5
µs after this falling edge.
The rising edge of CONVST initiates a conversion so the
CONVST
pulse should be at least 5
µs wide. The part automati-
cally powers down on completion of the conversion. Where the
software convert start is used, the part may be powered up in
software before a conversion is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com