Electronic Components Datasheet Search
  English  ▼

X  

AD8802AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD8802AR
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8802AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8802AR Datasheet HTML 8Page - Analog Devices AD8802AR Datasheet HTML 9Page - Analog Devices AD8802AR Datasheet HTML 10Page - Analog Devices AD8802AR Datasheet HTML 11Page - Analog Devices AD8802AR Datasheet HTML 12Page - Analog Devices AD8802AR Datasheet HTML 13Page - Analog Devices AD8802AR Datasheet HTML 14Page - Analog Devices AD8802AR Datasheet HTML 15Page - Analog Devices AD8802AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8802/AD8804
REV. 0
–16–
7
2
5
1
6
3
4
8
AD603
0.1µF
+10V
0.1µF
100
Ω
0.1µF
IN
OUT
GND
REF195
10µF
+10V
1µF
0.1µF
+5.0V
1/2 OP279
VDD
VREFH
O1 O2 O3 O4
GND
SHDN
SDI CLK CS
VREFL
A
AD8804
1/2 OP279
B
1.0V
TO µC
0.1µF
+10V
7
2
5
1
6
3
4
8
AD603
30k
Ω
2.0V
20k
Ω
40k
Ω
10k
Ω
10µF
Figure 30. A Low Noise 90 MHz PGA
20-Lead Thin Surface Mount TSSOP Package
(RU-20)
20
11
10
1
0.260 (6.60)
0.252 (6.40)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm)
20-Pin Plastic DIP Package
(N-20)
20
110
11
0.255 (6.477)
0.245 (6.223)
PIN 1
1.07 (27.18) MAX
SEATING
PLANE
0.021 (0.533)
0.015 (0.381)
0.060 (1.52)
0.015 (0.38)
0.145 (3.683)
MAX
0.125 (3.175)
MIN
0.065 (1.66)
0.045 (1.15)
0.11 (2.79)
0.09 (2.28)
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
0.135 (3.429)
0.125 (3.17)
15
°
0
20-Lead SOIC Package
(R-20)
SEATING
PLANE
0.011 (0.275)
0.005 (0.125)
0.022 (0.56)
0.014 (0.36)
0.107 (2.72)
0.089 (2.26)
0.050
(1.27)
BSC
0.015 (0.38)
0.007 (0.18)
0.034 (0.86)
0.018 (0.46)
8
°
0
°
20
11
10
1
0.512 (13.00)
0.496 (12.60)
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com