Electronic Components Datasheet Search
  English  ▼

X  

PAC01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PAC01
Description  Cemented Wirewound Precision Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PAC01 Datasheet(HTML) 5 Page - Vishay Siliconix

  PAC01 Datasheet HTML 1Page - Vishay Siliconix PAC01 Datasheet HTML 2Page - Vishay Siliconix PAC01 Datasheet HTML 3Page - Vishay Siliconix PAC01 Datasheet HTML 4Page - Vishay Siliconix PAC01 Datasheet HTML 5Page - Vishay Siliconix PAC01 Datasheet HTML 6Page - Vishay Siliconix PAC01 Datasheet HTML 7Page - Vishay Siliconix PAC01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: ww1resistors@vishay.com
Document Number: 28731
148
Revision: 06-Oct-11
PAC.. Series
Vishay Draloric
Cemented Wirewound Precision Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) See table DIMENSIONS
(2) Test over 10 holes - 9 intervals P0 12.7 x 9 = 114.3 ± 0.5
(3) Parallelism, < 0.5 mm
(4) Thickness of carrier tape: 0.55 mm ± 0.1
BENDING FORMS
TYPE
Ø d
Ø Dmax.
AL
F
H
E
a
b
l
PAC02 WSZ
0.8
(1)
17 ± 0.5
11 - 12
4.8 ± 0.5
3.6 ± 0.5
5.0 ± 0.5
2.5
5.5
14.5
TYPE PAC01
Lead Ø
Ø d
0.8
Diameter
Ø D
(1)
Length
L
(1)
Pitch of components
P
12.7 ± 1.0
Pitch of spocket holes (2)
P0
12.7 ± 0.3
Distance between hole center and resistor center
P1
3.85 ± 0.7
Distance between hole center and lead center
P2
6.35 ± 1.0
Lead spacing
F
5.0 + 0.6, - 0.1
Angle of insertion
h
1
2 max.
Width of carrier tape
W
18.0 ± 0.5
Width of adhesive tape
W0
12.0 ± 0.5
Position of holes
W1
9.0 ± 0.5
Position of adhesive tape
W2
0.5 max.
Body to hole center
H
19.5 ± 1.0
Lead crimp to hole center (3)
H0
16.0 ± 0.5
Hole Ø
D0
4.0 ± 0.2
Thickness of tape (4)
t
0.9 max.
Height for cutting
L1
11 max.
Height for insertion
H1
32 max.
WSZ
Ø D
A
L
E
Ø d
F
H
I
b
a
Solder pad dimensions
RADIAL TAPED = RT
1 max.
Δh
1
t
Direction of Unreeling
P
1
F
P
0
D
0
P
2
P
H
1
L
1
H
H
0
W
0
W
2
W
1
W
d
L
Ø D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com