Electronic Components Datasheet Search
  English  ▼

X  

SI1902CDL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1902CDL
Description  Dual N-Channel 20 V (D-S) MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902CDL Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1902CDL Datasheet HTML 1Page - Vishay Siliconix SI1902CDL Datasheet HTML 2Page - Vishay Siliconix SI1902CDL Datasheet HTML 3Page - Vishay Siliconix SI1902CDL Datasheet HTML 4Page - Vishay Siliconix SI1902CDL Datasheet HTML 5Page - Vishay Siliconix SI1902CDL Datasheet HTML 6Page - Vishay Siliconix SI1902CDL Datasheet HTML 7Page - Vishay Siliconix SI1902CDL Datasheet HTML 8Page - Vishay Siliconix SI1902CDL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 67876
S11-2306-Rev. B, 21-Nov-11
Vishay Siliconix
Si1902CDL
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.60
0.75
0.90
1.05
1.20
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.1
0.2
0.3
0.4
0.5
1.8
2.6
3.4
4.2
5
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J
= 25
°C
I
D = 1 A
0
2
4
6
8
10
0.001
0.01
0.1
1
10
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
T
C
= 25
°C
Single Pulse
BVDSS Limited
10 ms
100 μs
DC, 10s, 1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com