Electronic Components Datasheet Search
  English  ▼

X  

TZMC2V4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZMC2V4
Description  Small Signal Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZMC2V4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TZMC2V4 Datasheet HTML 1Page - Vishay Siliconix TZMC2V4 Datasheet HTML 2Page - Vishay Siliconix TZMC2V4 Datasheet HTML 3Page - Vishay Siliconix TZMC2V4 Datasheet HTML 4Page - Vishay Siliconix TZMC2V4 Datasheet HTML 5Page - Vishay Siliconix TZMC2V4 Datasheet HTML 6Page - Vishay Siliconix TZMC2V4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TZM-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 22-Nov12
2
Document Number: 84122
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional measurement of voltage group TZMC9V1 to TZMC75, IR at 95 % VZmin.  35 nA at Tj = 25 °C
(1) at Tj = 150 °C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
IR (1) at VR
ZZ at IZT1 ZZK at IZT2
TKVZ
V
mA
μA
V
μA
V
%/K
MIN.
NOM. MAX.
TYP.
TYP.
MIN.
MAX.
TZMC2V4
2.28
2.4
2.56
5
1
< 50
1
< 100
1
< 85
< 600
- 0.09
- 0.06
TZMC2V7
2.5
2.7
2.9
5
1
< 10
1
< 50
1
< 85
< 600
- 0.09
- 0.06
TZMC3V0
2.8
3.0
3.2
5
1
< 4
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC3V3
3.1
3.3
3.5
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC3V6
3.4
3.6
3.8
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC3V9
3.7
3.9
4.1
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC4V3
4
4.3
4.6
5
1
< 1
1
< 20
1
< 90
< 600
- 0.06
- 0.03
TZMC4V7
4.4
4.7
5
5
1
< 0.5
1
< 10
1
< 80
< 600
- 0.05
0.02
TZMC5V1
4.8
5.1
5.4
5
1
< 0.1
1
< 2
1
< 60
< 550
- 0.02
0.02
TZMC5V6
5.2
5.6
6
5
1
< 0.1
1
< 2
1
< 40
< 450
- 0.05
0.05
TZMC6V2
5.8
6.2
6.6
5
1
< 0.1
2
< 2
2
< 10
< 200
0.03
0.06
TZMC6V8
6.4
6.8
7.2
5
1
< 0.1
3
< 2
3
< 8
< 150
0.03
0.07
TZMC7V5
7
7.5
7.9
5
1
< 0.1
5
< 2
5
< 7
< 50
0.03
0.07
TZMC8V2
7.7
8.2
8.7
5
1
< 0.1
6.2
< 2
6.2
< 7
< 50
0.03
0.08
TZMC9V1
8.5
9.1
9.6
5
1
< 0.1
6.8
< 2
6.8
< 10
< 50
0.03
0.09
TZMC10
9.4
10
10.6
5
1
< 0.1
7.5
< 2
7.5
< 15
< 70
0.03
0.1
TZMC11
10.4
11
11.6
5
1
< 0.1
8.2
< 2
8.2
< 20
< 70
0.03
0.11
TZMC12
11.4
12
12.7
5
1
< 0.1
9.1
< 2
9.1
< 20
< 90
0.03
0.11
TZMC13
12.4
13
14.1
5
1
< 0.1
10
< 2
10
< 26
< 110
0.03
0.11
TZMC15
13.8
15
15.6
5
1
< 0.1
11
< 2
11
< 30
< 110
0.03
0.11
TZMC16
15.3
16
17.1
5
1
< 0.1
12
< 2
12
< 40
< 170
0.03
0.11
TZMC18
16.8
18
19.1
5
1
< 0.1
13
< 2
13
< 50
< 170
0.03
0.11
TZMC20
18.8
20
21.2
5
1
< 0.1
15
< 2
15
< 55
< 220
0.03
0.11
TZMC22
20.8
22
23.3
5
1
< 0.1
16
< 2
16
< 55
< 220
0.04
0.12
TZMC24
22.8
24
25.6
5
1
< 0.1
18
< 2
18
< 80
< 220
0.04
0,12
TZMC27
25.1
27
28.9
5
1
< 0.1
20
< 2
20
< 80
< 220
0.04
0.12
TZMC30
28
30
32
5
1
< 0.1
22
< 2
22
< 80
< 220
0.04
0.12
TZMC33
31
33
35
5
1
< 0.1
24
< 2
24
< 80
< 220
0.04
0.12
TZMC36
34
36
38
5
1
< 0.1
27
< 2
27
< 80
< 220
0.04
0.12
TZMC39
37
39
41
2.5
0.5
< 0.1
30
< 5
30
< 90
< 500
0.04
0.12
TZMC43
40
43
46
2.5
0.5
< 0.1
33
< 5
33
< 90
< 600
0.04
0.12
TZMC47
44
47
50
2.5
0.5
< 0.1
36
< 5
36
< 110
< 700
0.04
0.12
TZMC51
48
51
54
2.5
0.5
< 0.1
39
< 10
39
< 125
< 700
0.04
0.12
TZMC56
52
56
60
2.5
0.5
< 0.1
43
< 10
43
< 135
< 1000
0.04
0.12
TZMC62
58
62
66
2.5
0.5
< 0.1
47
< 10
47
< 150
< 1000
0.04
0.12
TZMC68
64
68
72
2.5
0.5
< 0.1
51
< 10
51
< 200
< 1000
0.04
0.12
TZMC75
70
75
79
2.5
0.5
< 0.1
56
< 10
56
< 250
< 1500
0.04
0.12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com