Electronic Components Datasheet Search
  English  ▼

X  

OP279GS Datasheet(PDF) 14 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 14 Page - Analog Devices

Back Button OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices OP279GS Datasheet HTML 10Page - Analog Devices OP279GS Datasheet HTML 11Page - Analog Devices OP279GS Datasheet HTML 12Page - Analog Devices OP279GS Datasheet HTML 13Page - Analog Devices OP279GS Datasheet HTML 14Page - Analog Devices OP279GS Datasheet HTML 15Page - Analog Devices OP279GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP179/OP279
–14–
REV. G
References on Active Filters and Active Crossover Networks
1. Sallen, R.P.; Key, E.L., “A Practical Method of Designing
RC Active Filters,” IRE Transactions on Circuit Theory, Vol.
CT-2, March 1955.
2. Huelsman, L.P.; Allen, P.E., Introduction to the Theory and
Design of Active Filters, McGraw-Hill, 1980.
3. Zumbahlen, H., “Chapter 6: Passive and Active Analog
Filtering,” within 1992 Analog Devices Amplifier Applications
Guide.
4. Zumbahlen, H., “Speaker Crossovers,” within Chapter 8 of
1993 Analog Devices System Applications Guide.
5. Linkwitz, S., “Active Crossover Networks for Noncoincident
Drivers,” JAES, Vol. 24, #1, Jan/Feb 1976.
The crossover example frequency of 500 Hz can be shifted lower
or higher by frequency scaling of either resistors or capacitors. In
configuring the circuit for other frequencies, complementary LP/
HP action must be maintained between sections, and component
values within the sections must be in the same ratio. Table II
provides a design aid to adaptation, with suggested standard
component values for other frequencies.
Table II. RC Component Selection for Various Crossover
Frequencies
R1/C1 (U1A)
*
Crossover Frequency (Hz)
R5/C3 (U1B)
**
100
160 k
Ω/0.01 µF
200
80.6 k
Ω/0.01 µF
319
49.9 k
Ω/0.01 µF
500
31.6 k
Ω/0.01 µF
1 k
16 k
Ω/0.01 µF
2 k
8.06 k
Ω/0.01 µF
5 k
3.16 k
Ω/0.01 µF
10 k
1.6 k
Ω/0.01 µF
Table notes (applicable for
α = 2).
** For SK stage U1A: R1 = R2, and C1 = C2, etc.
** For MFB stage U1B: R6 = R5, R7 = R5/2, and C4 = 2C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com