Electronic Components Datasheet Search
  English  ▼

X  

CSM3637 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CSM3637
Description  Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM3637 Datasheet(HTML) 5 Page - Vishay Siliconix

  CSM3637 Datasheet HTML 1Page - Vishay Siliconix CSM3637 Datasheet HTML 2Page - Vishay Siliconix CSM3637 Datasheet HTML 3Page - Vishay Siliconix CSM3637 Datasheet HTML 4Page - Vishay Siliconix CSM3637 Datasheet HTML 5Page - Vishay Siliconix CSM3637 Datasheet HTML 6Page - Vishay Siliconix CSM3637 Datasheet HTML 7Page - Vishay Siliconix CSM3637 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FIGURE 4 - THERMAL SHOCK RESULTS OF CSM3637 AND CSM2512
CSM3637 0R1
CSM3637 0R2
CSM2512 0R1
CSM2512 0R2
-2000
-1500
-1000
-500
0
500
1000
1500
2000
Type and Value
Thermal Shock (-55°C to +150°C) x 1000 Cycles
20 Units Each Type and Value
FIGURE 5 - BIAS HUMIDITY RESULTS OF CSM3637 AND CSM2512
CSM3637 0R2
CSM3637 0R1
CSM2512 0R1
CSM2512 0R2
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Type and Value
Bias Humidity 1000 Hrs @ +85°C @ 85% RH
10 Units Each Type and Value
CSM Series
Vishay Foil Resistors
Document Number: 63089
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 3-May-11
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com