Electronic Components Datasheet Search
  English  ▼

X  

DG411C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG411C/D
Description  Improved, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DG411C/D Datasheet HTML 4Page - Maxim Integrated Products DG411C/D Datasheet HTML 5Page - Maxim Integrated Products DG411C/D Datasheet HTML 6Page - Maxim Integrated Products DG411C/D Datasheet HTML 7Page - Maxim Integrated Products DG411C/D Datasheet HTML 8Page - Maxim Integrated Products DG411C/D Datasheet HTML 9Page - Maxim Integrated Products DG411C/D Datasheet HTML 10Page - Maxim Integrated Products DG411C/D Datasheet HTML 11Page - Maxim Integrated Products DG411C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Improved, Quad,
SPST Analog Switches
8
_______________________________________________________________________________________
Figure 6. Crosstalk
IN
0V or
2.4V
SIGNAL
GENERATOR
+15V
C
VL
ANALYZER
D
RL
GND
S
C
-15V
V-
+5V
V+
DG411
DG412
DG413
SIGNAL
GENERATOR 0dBm
+15V
C
ANALYZER
D
RL
GND
S
C
V-
-15V
0V or 2.4V
IN1
D
50
Ω
VL
S
+5V
IN2
0V or 2.4V
V+
DG411
DG412
DG413
Figure 5. Off-Isolation
_________________________________Timing Diagrams/Test Circuits (continued)
CAPACITANCE
METER
D
S
GND
C
V-
-15V
IN
0V or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
DG411
DG412
DG413
CAPACITANCE
METER
D
S
GND
C
V-
-15V
IN
0V or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
DG411
DG412
DG413
Figure 7. Channel Off-Capacitance
Figure 8. Channel On-Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com