Electronic Components Datasheet Search
  English  ▼

X  

MAX809S Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX809S
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX809S Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX809S Datasheet HTML 1Page - Maxim Integrated Products MAX809S Datasheet HTML 2Page - Maxim Integrated Products MAX809S Datasheet HTML 3Page - Maxim Integrated Products MAX809S Datasheet HTML 4Page - Maxim Integrated Products MAX809S Datasheet HTML 5Page - Maxim Integrated Products MAX809S Datasheet HTML 6Page - Maxim Integrated Products MAX809S Datasheet HTML 7Page - Maxim Integrated Products MAX809S Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-Pin Microprocessor Reset Circuits
4
_______________________________________________________________________________________
225
POWER-UP RESET TIMEOUT
vs. TEMPERATURE
245
250
TEMPERATURE (°C)
235
230
240
-40
85
20
-20
0
60
40
MAX8_ _R/S/T/Z
MAX8_ _J/L/M
0.997
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
1.001
1.002
1.003
TEMPERATURE (°C)
0.999
0.998
1.000
-40
85
20
-20
0
60
40
0
POWER-DOWN RESET DELAY vs.
TEMPERATURE (MAX8_ _J/L/M)
80
100
120
140
TEMPERATURE (°C)
40
20
60
-40
85
20
-20
0
60
40
VOD = VTH - VCC
VOD = 10mV
VOD = 100mV
VOD = 200mV
VOD = 20mV
0
POWER-DOWN RESET DELAY vs.
TEMPERATURE (MAX8_ _R/S/T/Z)
80
100
TEMPERATURE (°C)
40
20
60
-40
85
20
-20
0
60
40
VOD = VTH - VCC
VOD = 20mV
VOD = 10mV
VOD = 200mV
VOD = 100mV
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = +5V for L/M/J versions,
VCC = +3.3V for T/S versions, VCC = +3V for R version, and VCC = +2.5V for Z version.)
-40
20
40
40
-20
0
60
85
SUPPLY CURRENT vs. TEMPERATURE
(SC70 PACKAGE, NO LOAD)
TEMPERATURE (°C)
0
5
10
15
MAX8_ _R/S/T, VCC = 3.3V
MAX8_ _L/M/R/S/T/Z, VCC = 1V
MAX8_ _Z, VCC = 2.5V
MAX8_ _L/M, VCC = 5V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +105°C (SOT23) or TA = -40°C to +125°C (SC70), unless otherwise noted. Typical values are at TA =
+25°C, VCC = 5V for L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version, and VCC = 2.5V for Z version.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET Output Voltage High
(push-pull active high, MAX810)
VOH
1.8V < VCC < VTH min, ISOURCE = 150µA
0.8V
CC
V
RESET Open-Drain Output
Leakage Current (MAX803)
(Note 3)
VCC > VTH, RESET deasserted
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design only.
Note 2: RESET output for MAX803/MAX809; RESET output for MAX810.
Note 3: Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com