Electronic Components Datasheet Search
  English  ▼

X  

MAX987ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX987ESA
Description  High-Speed, Micropower, Low-Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX987ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX987ESA Datasheet HTML 2Page - Maxim Integrated Products MAX987ESA Datasheet HTML 3Page - Maxim Integrated Products MAX987ESA Datasheet HTML 4Page - Maxim Integrated Products MAX987ESA Datasheet HTML 5Page - Maxim Integrated Products MAX987ESA Datasheet HTML 6Page - Maxim Integrated Products MAX987ESA Datasheet HTML 7Page - Maxim Integrated Products MAX987ESA Datasheet HTML 8Page - Maxim Integrated Products MAX987ESA Datasheet HTML 9Page - Maxim Integrated Products MAX987ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
6
_______________________________________________________________________________________
POWER-UP DELAY
VCC
OUT
MAX987-16
5µs/div
2V/div
2V/div
VIN- = 50mV
VIN+ = 0V
SWITCHING CURRENT, OUT FALLING
IN+
OUT
ICC
MAX987-14
200ns/div
50mV/div
2V/div
2mA/div
VOD = 50mV
1MHZ RESPONSE
IN+
OUT
MAX987-15
200ns/div
50mV/div
2V/div
VOD = 50mV
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com