Electronic Components Datasheet Search
  English  ▼

X  

MAX707ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX707ESA
Description  Low-Cost, Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX707ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX707ESA Datasheet HTML 1Page - Maxim Integrated Products MAX707ESA Datasheet HTML 2Page - Maxim Integrated Products MAX707ESA Datasheet HTML 3Page - Maxim Integrated Products MAX707ESA Datasheet HTML 4Page - Maxim Integrated Products MAX707ESA Datasheet HTML 5Page - Maxim Integrated Products MAX707ESA Datasheet HTML 6Page - Maxim Integrated Products MAX707ESA Datasheet HTML 7Page - Maxim Integrated Products MAX707ESA Datasheet HTML 8Page - Maxim Integrated Products MAX707ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
19-4334; Rev. 9; 1/13
MAX705–MAX708/MAX813L
Low-Cost, µP Supervisory Circuits
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
TOP VIEW
1
2
3
4
8
7
6
5
WDO
RESET (RESET)
WDI
PFO
PFI
GND
VCC
MR
DIP/SO
MAX705
MAX706
MAX813L
1
2
3
4
8
7
6
5
RESET
RESET
N.C.
PFO
PFI
GND
VCC
MR
DIP/SO
MAX707
MAX708
( ) ARE FOR MAX813L ONLY.
Pin Configurations continued at end of data sheet.
_________________Pin Configurations
VCC
PFI
MR
PFO
WDO
RESET
UNREGULATED DC
PUSHBUTTON
SWITCH
PFI
I/O LINE
INTERRUPT
µP
MAX705
MAX706
MAX813L
MAX667
+5V DC LINEAR
REGULATOR
VCC
RESET
NMI
__________Typical Operating Circuit
_______________General Description
The MAX705-MAX708/MAX813L microprocessor (µP)
supervisory circuits reduce the complexity and number
of components required to monitor power-supply and
battery functions in µP systems. These devices signifi-
cantly improve system reliability and accuracy com-
pared to separate ICs or discrete components.
The MAX705/MAX706/MAX813L provide four functions:
1) A reset output during power-up, power-down, and
brownout conditions.
2) An independent watchdog output that goes low if
the watchdog input has not been toggled within 1.6
seconds.
3) A 1.25V threshold detector for power-fail warning,
low-battery detection, or for monitoring a power sup-
ply other than +5V.
4) An active-low manual-reset input.
The MAX707/MAX708 are the same as the MAX705/
MAX706, except an active-high reset is substituted for
the watchdog timer. The MAX813L is the same as the
MAX705, except RESET is provided instead of RESET.
Two supply-voltage monitor levels are available: The
MAX705/MAX707/MAX813L generate a reset pulse when
the supply voltage drops below 4.65V, while the
MAX706/MAX708 generate a reset pulse below 4.40V.
All four parts are available in 8-pin DIP, SO and µMAX®
packages.
_______________________Applications
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
___________________________Features
o Available in Tiny µMAX Package
o Guaranteed RESET Valid at VCC = 1V
o Precision Supply-Voltage Monitor
4.65V in MAX705/MAX707/MAX813L
4.40V in MAX706/MAX708
o 200ms Reset Pulse Width
o Debounced TTL/CMOS-Compatible
Manual-Reset Input
o Independent Watchdog Timer—1.6s Timeout
(MAX705/MAX706)
o Active-High Reset Output
(MAX707/MAX708/MAX813L)
o Voltage Monitor for Power-Fail or Low-Battery
Warning
______________Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX705CPA
8 Plastic DIP
MAX705CSA
0°C to +70°C
8 SO
MAX705C/D
0°C to +70°C
Dice*
Ordering Information continued at end of data sheet.
*
Dice are specified at TA = +25°C.
**
Contact factory for availability and processing to MIL-STD-883.
Devices in PDIP, SO and µMAX packages are available in both
leaded and lead-free packaging. Specify lead free by adding
the + symbol at the end of the part number when ordering.
Lead-free not available for CERDIP package.
0°C to +70°C
MAX705CUA
0°C to +70°C
8 µMAX
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX707ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX707ESA MAXIM-MAX707ESA Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
MAX707ESA MAXIM-MAX707ESA Datasheet
169Kb / 12P
Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
logo
ARTSCHIP ELECTRONICS CO...
MAX707ESA ARTSCHIP-MAX707ESA Datasheet
313Kb / 10P
Low-Cost, pervisory Circuit
logo
ON Semiconductor
MAX707ESA-T ONSEMI-MAX707ESA-T Datasheet
95Kb / 10P
UP Supervisory Circuits
August, 2005 ??Rev. 4
MAX707ESA-TG ONSEMI-MAX707ESA-TG Datasheet
95Kb / 10P
UP Supervisory Circuits
August, 2005 ??Rev. 4
More results

Similar Description - MAX707ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705 Datasheet
99Kb / 12P
Low-Cost, uP Supervisory Circuits
19-4334; Rev. 5; 9/95
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Maxim Integrated Produc...
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
logo
Analog Devices
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706 AD-ADM706_15 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708 AD-ADM708_15 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com