Electronic Components Datasheet Search
  English  ▼

X  

MAX6721 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6721
Description  Dual/Triple Ultra-Low-Voltage SOT23
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6721 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6721 Datasheet HTML 10Page - Maxim Integrated Products MAX6721 Datasheet HTML 11Page - Maxim Integrated Products MAX6721 Datasheet HTML 12Page - Maxim Integrated Products MAX6721 Datasheet HTML 13Page - Maxim Integrated Products MAX6721 Datasheet HTML 14Page - Maxim Integrated Products MAX6721 Datasheet HTML 15Page - Maxim Integrated Products MAX6721 Datasheet HTML 16Page - Maxim Integrated Products MAX6721 Datasheet HTML 17Page - Maxim Integrated Products MAX6721 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
14
______________________________________________________________________________________
Selector Guide
PART
NUMBER
NUMBER OF
VOLTAGE
MONITORS
OPEN-
DRAIN
RESET
OPEN-
DRAIN
RESET
PUSH-
PULL
RESET
PUSH-
PULL
RESET
MANUAL
RESET
WATCH-
DOG
INPUT
POWER-
FAIL
INPUT/
OUTPUT
MAX6715
2
2
—
—
—
√
——
MAX6716
2
—
—
2
—
√
——
MAX6717
2
1
—
—
—
√
——
MAX6718
2
—
—
1
—
√
——
MAX6719
3
1
—
—
—
√
——
MAX6720
3
—
—
1
—
√
——
MAX6721
2
1
—
—
—
√√
—
MAX6722
2
—
—
1
—
√√
—
MAX6723
3
1
—
—
—
—
√
—
MAX6724
3
—
—
1
—
—
√
—
MAX6725
3
1
1
—
—
√√
—
MAX6726
3
—
—
1
1
√√
—
MAX6727
3
2
—
—
—
√√
—
MAX6728
3
1
—
—
—
√√
√ (open drain)
MAX6729
3
—
—
1
—
√√
√ (push-pull)
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX6721UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6722UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6723UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6724UT_ _D_ -T
-40°C to +85°C
6 SOT23-6
MAX6725KA_ _D_ -T
-40°C to +85°C
8 SOT23-8
MAX6726KA_ _D_ -T
-40°C to +85°C
8 SOT23-8
MAX6727KA_ _D_ -T
-40°C to +85°C
8 SOT23-8
MAX6728KA_ _D_ -T
-40°C to +85°C
8 SOT23-8
MAX6729KA_ _D_ -T
-40°C to +85°C
8 SOT23-8
Note: The first “_ _” are placeholders for the threshold voltage
levels of the devices. Desired threshold levels are set by the part
number suffix found in the Reset Voltage Threshold Suffix Guide.
The “_” after the D is a placeholder for the reset timeout delay
time. Desired delay time is set using the timeout period suffix
found in the Reset Timeout Period Suffix Guide. For example the
MAX6716UTLTD3-T is a dual-voltage supervisor VTH1 = 4.625V,
VTH2 = 3.075V, and 210ms (typ) timeout period.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing "-T" with "+T" when ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com