Electronic Components Datasheet Search
  English  ▼

X  

B65511 Datasheet(PDF) 3 Page - EPCOS

Part # B65511
Description  Ferrites and accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65511 Datasheet(HTML) 3 Page - EPCOS

  B65511 Datasheet HTML 1Page - EPCOS B65511 Datasheet HTML 2Page - EPCOS B65511 Datasheet HTML 3Page - EPCOS B65511 Datasheet HTML 4Page - EPCOS B65511 Datasheet HTML 5Page - EPCOS B65511 Datasheet HTML 6Page - EPCOS B65511 Datasheet HTML 7Page - EPCOS B65511 Datasheet HTML 8Page - EPCOS B65511 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 1.43 mm–1
le
= 10 mm
Ae
= 7 mm2
Ve
= 70 mm3
Approx. weight 0.5 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
e
Ordering code
-A with center hole
K1
25
3%
0.23
28
B65511A0025A001
M33
63
3%
0.13
72
B65511A0063A033
N48
100
3%
0.10
114
B65511A0100A048
Material
AL value
nH
e
Ordering code
-A with center hole
N48
1000 +40/–30%
1140
B65511A0000Y048
N30
2000 +40/–30%
2270
B65511A0000Y030
B65511
Core
P 7
 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com