Electronic Components Datasheet Search
  English  ▼

X  

B65525 Datasheet(PDF) 2 Page - EPCOS

Part # B65525
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65525 Datasheet(HTML) 2 Page - EPCOS

  B65525 Datasheet HTML 1Page - EPCOS B65525 Datasheet HTML 2Page - EPCOS B65525 Datasheet HTML 3Page - EPCOS B65525 Datasheet HTML 4Page - EPCOS B65525 Datasheet HTML 5Page - EPCOS B65525 Datasheet HTML 6Page - EPCOS B65525 Datasheet HTML 7Page - EPCOS B65525 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62317-9
■
For transformers featuring high inductance
and low overall height
■
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 1.1 mm–1
le
= 14.1 mm
Ae
= 12.4 mm2
Ve
= 174 mm3
Approx. weight 0.85 g/set
Ungapped
Gapped
Material
AL value
nH
e
Ordering code
N49
800 +30/–20%
715
B65525J0000R049
N87
1200 +30/–20%
1050
B65525J0000R087
N92
900 +30/–20%
814
B65525J0000R092
N97
1200 +30/–20%
1086
B65525J0000R097
T38
6400 +40/–30%
5600
B65525J0000Y038
Material
AL value
nH
s
approx.
mm
e
Ordering code
N87
160
3%
0.08
140
B65525J0160A087
B65525
Planar core
ER 11/5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com