Electronic Components Datasheet Search
  English  ▼

X  

APF1024H Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # APF1024H
Description  Compliant with European standards 1a/1c 6A Slim power relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APF1024H Datasheet(HTML) 4 Page - Panasonic Semiconductor

  APF1024H Datasheet HTML 1Page - Panasonic Semiconductor APF1024H Datasheet HTML 2Page - Panasonic Semiconductor APF1024H Datasheet HTML 3Page - Panasonic Semiconductor APF1024H Datasheet HTML 4Page - Panasonic Semiconductor APF1024H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PF (APF)
ASCTB205E 201202-T
REFERENCE DATA
1. Electrical life
Tested sample: APF30224
Notes: 1. Switch contacts are all on N.O. side.
2. AC 15 and DC 13 comply with IEC-60947-5-1 testing conditions.
DIMENSIONS (mm inch)
Load type
Voltage
Current
Ambient temperature
No. of ops.
Resistive load
250V AC
6 A
85
°C 185°F
30,000
Inductive load
AC 15
250V AC
3 A
25
°C 77°F
20,000
DC 13
24V DC
2 A
25
°C 77°F
6,000
2. Max. switching capacity (AC)
3. Coil temperature rise
Tested sample: APF30224
Measured portion: Inside the coil
Ambient temperature: 28
°C 82°F
4. Ambient temperature characteristics
Tested sample: APF30224, 6 pcs.
1
0.5
0.2
0.3
0.4
2
3
4
5
6
10
10
20 30 50 100
250
Contact voltage, V
6A
0A
50
60
70
80
90
40
30
20
10
0
100
90
110
120
140
130
Coil applied voltage, %V
5
10
-20
-40
-20
0
0
20
85
60
40
-15
-10
-5
15
20
Pick-up voltage
Drop-out
voltage
Ambient
temperature,
°C
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. 1 Form A type
External dimensions
General tolerance:
±0.3 ±.012
0.4+
0.2
−0.1
+.008
−.004
.016
1.2
.047
3.78
.149
2-0.6
2-.024
+0.2
−0.1
+.008
−.004
28.0max.
1.102max.
21.42
.843
2-1.0
2-.039
5.04
.198
1.9
.075
0.5
.020
15.0max.
.591max.
3.5
±0.5
.138
±.020
5.0max.
.197max.
1.2
.047
0.48 +
0.2
−0.1
+.008
−.004
.019
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
3.78
.149
21.42
.843
5.04
.198
1.9
.075
1.2
.047
NO
COM
COIL
CAD Data
2. 1 Form C type
External dimensions
General tolerance:
±0.3 ±.012
0.4+
0.2
−0.1
+.008
−.004
.016
1.2
.047
2-0.6
2-.024
+0.2
−0.1
+.008
−.004
21.42
.843
3-1.0
3-.039
0.5
.020
3.5
±0.5
.138
±.020
5.0max.
.197max.
1.2
.047
0.48 +
0.2
−0.1
+.008
−.004
.019
3.78
.149
1.9
.075
28.0max.
1.102max.
5.04
.198
5.04
.198
15.0max.
.591max.
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
3.78
.149
21.42
.843
5.04
.198
5.04
.198
1.9
.075
1.2
.047
NO
COM
NC
COIL
CAD Data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com