Electronic Components Datasheet Search
  English  ▼

X  

APF1318 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # APF1318
Description  Compliant with European standards 1a/1c 6A Slim power relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APF1318 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  APF1318 Datasheet HTML 1Page - Panasonic Semiconductor APF1318 Datasheet HTML 2Page - Panasonic Semiconductor APF1318 Datasheet HTML 3Page - Panasonic Semiconductor APF1318 Datasheet HTML 4Page - Panasonic Semiconductor APF1318 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PF (APF)
ASCTB205E 201202-T
ORDERING INFORMATION
Compliant with
European standards
1a/1c 6A Slim power relays PF RELAYS (APF)
VDE
RoHS compliant
FEATURES
1. High density mounting with 5 mm
.197 inch width
Space saved with 5 mm .197 inch slim
type with 28 mm 1.102 inch length.
Allows high density mounting and use in
compact devices.
2. Satisfies reinforced insulation
standard (EN/IEC 61810-1).
3. High switching capacity
Supports 6A 250 V AC nominal switching
capacity (resistive load) and AC15 and
DC13 (inductive load).
4. 1 Form A and 1 Form C contact
arrangements with options for a
variety of applications.
5. 4,000 V high breakdown voltage and
6,000 V high surge breakdown voltage.
Controller protection against surges and
noise with a breakdown voltage of 4,000
Vrms for 1 min. between contacts and
coil, and 6,000 V surge breakdown
voltage between contacts and coil.
6. Resistance to heat and fire;
EN60335-1, clause 30 (GWT)
approved.
7. Sealed construction allows
automatic washing.
8. Complies with all safety standards.
UL/C-UL, VDE certified.
TYPICAL APPLICATIONS
1. Interface relays for programmable
controllers
2. Output relays for measuring
equipment, timers, counters and
temperature controllers
3. Industrial equipment, office
equipment
4. Household appliances for Europe
Nominal coil voltage (DC)
4H: 4.5 V 05: 5 V 06: 6 V 09: 9 V 12: 12 V 18: 18 V
24: 24 V 48: 48 V 60: 60 V
Contact arrangement
1: 1 Form A
3: 1 Form C
Contact type
0: Single contact
APF
0
Contact material
2: AgNi type
3: AgNi type/Au-plated
Note: Certified by UL/C-UL and VDE


Similar Part No. - APF1318

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
APF100 ARCH-APF100 Datasheet
271Kb / 2P
LED Power
APF100-12S ARCH-APF100-12S Datasheet
271Kb / 2P
LED Power
APF100-12S ARCH-APF100-12S Datasheet
181Kb / 3P
Fully Isolated Plastic Case with IP67 Level
APF100-24S ARCH-APF100-24S Datasheet
271Kb / 2P
LED Power
APF100-24S ARCH-APF100-24S Datasheet
181Kb / 3P
Fully Isolated Plastic Case with IP67 Level
More results

Similar Description - APF1318

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Battery Group
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Semiconductor
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com