Electronic Components Datasheet Search
  English  ▼

X  

MAH36 Datasheet(PDF) 3 Page - CUI INC

Part # MAH36
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAH36 Datasheet(HTML) 3 Page - CUI INC

  MAH36 Datasheet HTML 1Page - CUI INC MAH36 Datasheet HTML 2Page - CUI INC MAH36 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.000
+0.000
36.0
- 0.0
+0.0
1.417
-
0.118
3.0
46.0 1.811
1.654
42.0
6.0 0.236
SPECIFIED
6
2
2
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
5
2
4
Website: www.cui.com
RoHS
Black
0V
0V
Black
Power
Red
NC
Red/Black
NC
Purple/Black
NC
Purple
Fax: 503-612-2383
9
Blue/Black
2
8
Blue
Cable Color
Output Type
Output Type
Cable Color
Brown
Brown/Black
2
0
2
1
Orange
2
2
Orange/Black
Yellow
Yellow/Black
Green
Green/Black
2
3
2
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
2
7
1:1
Incremental Encoder
JMS
BY CUI INC.
TITLE:
MM [INCHES]
MAH36
MAH36
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
COPYRIGHT 2007
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/30/2007
Cable L=1m
arrangement
3-M3 depth 5 equal
A
0.015
0.000
6.0 0.236
0.5 0.020
14.0
0.020
0.5
0.079
2.0
1.181
30.0
0.551
12.0 0.472



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com