Electronic Components Datasheet Search
  English  ▼

X  

MAH17 Datasheet(PDF) 3 Page - CUI INC

Part # MAH17
Description  absolute encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MAH17 Datasheet(HTML) 3 Page - CUI INC

  MAH17 Datasheet HTML 1Page - CUI INC MAH17 Datasheet HTML 2Page - CUI INC MAH17 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.0 0.118
4.0 0.157
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/30/2007
JMS
Incremental Encoder
SCALE:
BY CUI INC.
TITLE:
MM [INCHES]
MAH17
MAH17
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
2:1
COPYRIGHT 2007
REV:
SPECIFIED
4
2
2
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
3
2
2
Website: www.cui.com
RoHS
-
-
-
-
-
-
-
-
Fax: 503-612-2383
9
Blue/Black
2
8
Blue
2
7
Green/Black
2
6
Green
Cable Color
Output Type
Output Type
Cable Color
Black
Red
0V
Power
Brown
2
0
Brown/Black
Orange
Orange/Black
Yellow
Yellow/Black
2
1
2
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
2
5
0.138
3.50
21.0 0.827
7.0 0.276
2-M2 depth 3
0.630
-
+
7.0 0.276
0.079
16.0
0.000
0.001
2.0
0.000
+0.015
3.0 0.118
L=1000mm
2-M2 90 arrangement
20.0 0.787



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com