Electronic Components Datasheet Search
  English  ▼

X  

ASDXAVX015CDSA3 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX015CDSA3
Description  Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX015CDSA3 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ASDXAVX015CDSA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX015CDSA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.honeywell.com/sensing
Table 5. Sensor Types
Type
Description
Absolute
Output is proportional to difference between applied pressure and built-in reference to vacuum (zero pressure).
Gage
Output is proportional to difference between applied pressure and atmospheric (ambient) pressure.
Differential
Output is proportional to difference between pressure applied to each of the pressure ports (Port 1
– Port 2).
Figure 2. Transfer Functions and Limits
A Calibration, 10% to 90%
B Calibration, 5% to 95%
Table 6. Sensor Output at Significant Percentages
% Output
Digital Counts (dec)
Digital Counts (hex)
0%
0
0x0000
5%
819
0x0333
10%
1638
0x0666
50%
8192
0x2000
90%
14746
0x399A
95%
15565
0x3CCD
100%
16383
0x3FFF
Figure 3. Completed Catalog Listing Example
ASDXAVX001PG2A3:
AV pressure port, 1 psi gage, I
2C output
(Address 0x28), 10% to 90% calibration
at 3.3 Vdc operation.
ASDXAVX001PG2A3 Output vs Pressure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com