Electronic Components Datasheet Search
  English  ▼

X  

ERJS08F222V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJS08F222V
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS08F222V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJS08F222V Datasheet HTML 1Page - Panasonic Semiconductor ERJS08F222V Datasheet HTML 2Page - Panasonic Semiconductor ERJS08F222V Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Anti-Sulfurated Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
a
b
t
W
L
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=
√Power Rating × Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
■ Ratings
Type
(inch size)
PowerRating
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10-6/°C )
Category
Temperature
Range
(°C)
ERJU01
(0201)
0.05
25
50
±1
10 to 1 M (E24, E96)
<10
Ω:
–100 to +600
10
Ω to 1 MΩ:
±200(±5%)
±100(±1%)✽
✽ERJU01,
ERJS02,
ERJU02 :
±200
1 M
Ω<:
–400 to +150
-55 to +125
±5
1 to 1 M
(E24)
ERJS02
ERJU02
(0402)
0.1
50
100
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 3.3 M (E24)
ERJS03
ERJU03
(0603)
0.1
75
150
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
ERJS06
ERJU06
(0805)
0.125
150
200
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
ERJS08
ERJU08
(1206)
0.25
200
400
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
ERJS14
ERJU14
(1210)
0.5
200
400
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
ERJS12
ERJU12
(1812)
0.75
200
500
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
ERJS1D
ERJU1D
(2010)
0.75
200
500
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
ERJS1T
ERJU1T
(2512)
1.0
200
500
±1
10 to 1 M (E24, E96)
-55 to +155
±5
1 to 10 M (E24)
Thick film
resistive element
Electrode (Inner)
Au-based :
ERJS type
Ag-Pd-based:
ERJU type
ERJS6 type
Electrode (Outer)
Electrode
(Between)
Alumina substrate
Protective coating
■ Construction
■ Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJU01 (0201)
0.60
±0.03
0.30
±0.03
0.10
±0.05
0.15
±0.05
0.23
±0.03
0.15
ERJS02 (0402)
ERJU02
1.00
±0.05
0.50
±0.05
0.20
±0.10
0.25
±0.10
0.35
±0.05
0.8
ERJS03 (0603)
ERJU03
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJS06 (0805)
ERJU06
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJS6
□ (0805) 2.00±0.20 1.25±0.10 0.45±0.20 0.45±0.20 0.55±0.10
6
ERJS08 (1206)
ERJU08
3.20
+0.05
1.60
+0.05
0.50
±0.20
0.50
±0.20
0.60
±0.10
10
ERJS14 (1210)
ERJU14
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
ERJS12 (1812)
ERJU12
4.50
±0.20
3.20
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
27
ERJS1D (2010)
ERJU1D
5.00
±0.20
2.50
±0.20
0.60
±0.20
0.60
±0.20
0.60
±0.10
27
ERJS1T (2512)
ERJU1T
6.40
±0.20
3.20
±0.20
0.65
±0.20
0.60
±0.20
0.60
±0.10
45
–0.05
–0.15
–0.20
<Low Resistance type>
Type
(inch size)
PowerRating
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.
C.R.
(
×10-6/°C )
Category
Temperature
Range
(°C)
ERJS6S (0805)
0.25
±1, ±2, ±5
0.1 to 0.2 (E24)
±150
-55 to +155
ERJS6Q (0805)
0.22 to 1 (E24)
Aug. 2012
04
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com