Electronic Components Datasheet Search
  English  ▼

X  

FCX495TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX495TC
Description  150V NPN MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX495TC Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX495TC Datasheet HTML 1Page - Diodes Incorporated FCX495TC Datasheet HTML 2Page - Diodes Incorporated FCX495TC Datasheet HTML 3Page - Diodes Incorporated FCX495TC Datasheet HTML 4Page - Diodes Incorporated FCX495TC Datasheet HTML 5Page - Diodes Incorporated FCX495TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FCX495
Datasheet Number: DS33057 Rev. 6 - 2
1 of 6
www.diodes.com
February 2013
© Diodes Incorporated
FCX495
A Product Line of
Diodes Incorporated
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Features
BVCEO > 150V
IC = 1A high Continuous Current
Low saturation voltage VCE(sat) < 300mV @ 0.5A
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Application
Low loss power switching
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX495TA
N95
7
12
1,000
FCX495TC
N95
13
12
4,000
FCX495-13R
N95
13
12
4,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
SOT89
Device symbol
Top View
Pin-Out
N95 = Product Type Marking Code
C
E
B
C
E
C
B
N95


Similar Part No. - FCX495TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX495 ZETEX-FCX495 Datasheet
16Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
logo
Diodes Incorporated
FCX495 DIODES-FCX495 Datasheet
311Kb / 6P
SOT89 NPN silicon planar high voltage transistor
MAY 2007
logo
Guangdong Huixin Electr...
FCX495U HUIXIN-FCX495U Datasheet
904Kb / 5P
NPN Silicon Epitaxial Planar Transistors
logo
Zetex Semiconductors
FCX495 ZETEX-FCX495_07 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
More results

Similar Description - FCX495TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN19100CZ DIODES-ZXTN19100CZ Datasheet
459Kb / 8P
100V NPN medium power transistor in SOT89
FEBRUARY 2008
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX495 DIODES-FCX495_15 Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
10V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
FCX1053A DIODES-FCX1053A_15 Datasheet
535Kb / 7P
75V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 2
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com