Electronic Components Datasheet Search
  English  ▼

X  

FCX558 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX558
Description  400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX558 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX558 Datasheet HTML 1Page - Diodes Incorporated FCX558 Datasheet HTML 2Page - Diodes Incorporated FCX558 Datasheet HTML 3Page - Diodes Incorporated FCX558 Datasheet HTML 4Page - Diodes Incorporated FCX558 Datasheet HTML 5Page - Diodes Incorporated FCX558 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FCX558
Datasheet Number: DS33059 Rev. 4 - 2
1 of 6
www.diodes.com
November 2012
© Diodes Incorporated
FCX558
A Product Line of
Diodes Incorporated
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Features
•
BVCEO > -400V
•
IC = -200mA high Continuous Current
•
Low saturation voltage VCE(sat) < -200mV @ -20mA
•
Complementary NPN type: FCX458
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT89
•
Case material: molded plastic. “Green” molding compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight: 0.05 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FCX558TA
P58
7
12
1,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
P58 = Product Type Marking Code
Top View
Device Symbol
Top View
Pin Out
SOT89
C
E
C
B
C
E
B
P58


Similar Part No. - FCX558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX558 ZETEX-FCX558 Datasheet
17Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX558 DIODES-FCX558 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
FCX558 DIODES-FCX558 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
FCX558QTA DIODES-FCX558QTA Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
More results

Similar Description - FCX558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX558 DIODES-FCX558 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
FCX596 DIODES-FCX596_15 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com