Electronic Components Datasheet Search
  English  ▼

X  

FCX688BTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FCX688BTA
Description  SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX688BTA Datasheet(HTML) 2 Page - Diodes Incorporated

  FCX688BTA Datasheet HTML 1Page - Diodes Incorporated FCX688BTA Datasheet HTML 2Page - Diodes Incorporated FCX688BTA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C)
PARAMETER
SYMBOL
Min
Typ
Max
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
12
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
12
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
0.1
µA
VCB=9V
Emitter Cut-Off Current
IEBO
0.1
µA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
40
60
180
350
400
mV
mV
mV
mV
mV
IC=0.1A, IB=1mA *
IC=0.1A, IB=0.5mA *
IC=1A, IB=10mA *
IC=3A, IB=10mA *
IC=4A, IB=50mA *
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
I
C=3A, IB=20mA *
Base-Emitter
Turn-On Voltage
VBE(on)
1.0
V
IC=3A, VCE=2V *
Static Forward Current
Transfer
Ratio
hFE
500
400
100
IC=100mA, VCE=2V*
IC=3A, VCE=2V*
IC=10A, VCE=2V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=5V
f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
40
pF
VCB=10V, f=1MHz
Switching Times
ton
toff
40
500
ns
ns
IC=500mA, IB1=IB2=50mA
VCC=10V
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
FCX688B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com