Electronic Components Datasheet Search
  English  ▼

X  

FCX688B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX688B
Description  SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX688B Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX688B Datasheet HTML 1Page - Diodes Incorporated FCX688B Datasheet HTML 2Page - Diodes Incorporated FCX688B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT89 NPN SILICON POWER
(SWITCHING) TRANSISTOR
ISSSUE 1 - NOVEMBER 1998
FEATURES
*
2W POWER DISSIPATION
*
10A Peak Pulse Current
*
Excellent H
FE Characteristics up to 10 Amps
*
Extremely Low Saturation Voltage
Complimentary Type -
FCX789A
Partmarking Detail -
688
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
12
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current **
ICM
10
A
Continuous Collector Current
IC
3A
Power Dissipation at Tamb=25°C
Ptot
1 †
2 ‡
W
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
†
recommended Ptot calculated using FR4 measuring 15x15x0.6mm
‡
Maximum power dissipation is calculated assuming that the device is mounted on FR4
substrate measuring 40x40x0.6mm and using comparable measurement methods adopted by
other suppliers.
**Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for these devices
Refer to the handling instructions for soldering surface mount components.
C
B
C
E
FCX688B


Similar Part No. - FCX688B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX688B ZETEX-FCX688B Datasheet
79Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results

Similar Description - FCX688B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619_03 Datasheet
1Mb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
MARCH 1999
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
logo
List of Unclassifed Man...
FCX617TA ETC2-FCX617TA Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1047ATA ETC2-FCX1047ATA Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617_15 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com