Electronic Components Datasheet Search
  English  ▼

X  

FMMT634TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT634TA
Description  100V NPN DARLINGTON TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT634TA Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT634TA Datasheet HTML 1Page - Diodes Incorporated FMMT634TA Datasheet HTML 2Page - Diodes Incorporated FMMT634TA Datasheet HTML 3Page - Diodes Incorporated FMMT634TA Datasheet HTML 4Page - Diodes Incorporated FMMT634TA Datasheet HTML 5Page - Diodes Incorporated FMMT634TA Datasheet HTML 6Page - Diodes Incorporated FMMT634TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FMMT634
Document number: DS33115 Rev. 2 - 2
2 of 7
www.diodes.com
May 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT634
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
900
mA
Peak Pulse Current
ICM
5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
625
mW
Power Dissipation (Note 7)
PD
806
mW
Thermal Resistance, Junction to Ambient (Note 6)
R• JA
200
°C/W
Thermal Resistance, Junction to Ambient (Note 7)
R• JA
155
°C/W
Thermal Resistance, Junction to Leads (Note 8)
R• JL
194
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
7. Same as note 6, except the device is measured at t • 5 sec.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com