Electronic Components Datasheet Search
  English  ▼

X  

ZR78L033 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZR78L033
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR78L033 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZR78L033 Datasheet HTML 5Page - Diodes Incorporated ZR78L033 Datasheet HTML 6Page - Diodes Incorporated ZR78L033 Datasheet HTML 7Page - Diodes Incorporated ZR78L033 Datasheet HTML 8Page - Diodes Incorporated ZR78L033 Datasheet HTML 9Page - Diodes Incorporated ZR78L033 Datasheet HTML 10Page - Diodes Incorporated ZR78L033 Datasheet HTML 11Page - Diodes Incorporated ZR78L033 Datasheet HTML 12Page - Diodes Incorporated ZR78L033 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ZR78L052 TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=9.2V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
5.070
5.2
5.330
V
IO=1 to 200mA τ
4.99
5.41
V
Vin=7.2 to 20V
IO=1 to 100mA τ
4.99
5.41
V
∆V
O
Line Regulation
V
in=7.2 to 20V
10
40
mV
∆V
O
Load Regulation
I
O=1 to 200mA
IO=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change IO=1 to 200mA
Vin=7.2 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
75
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=8.2 to 18V
f=120Hz
48
62
dB
V
in
Input Voltage Required To
Maintain Regulation
7.2
6.9
V
∆V
O /∆T
Average Temperature
Coefficient of VO
IO=5.0mA τ
0.1
mV/°C
τ =Tj = -55 to 125 °C
ZR78L05 TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=9V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
4.875
5
5.125
V
IO=1 to 200mA τ
4.8
5.2
V
Vin=7 to 20V
IO=1 to 100mA τ
4.8
5.2
V
∆V
O
Line Regulation
V
in=7 to 20V
10
40
mV
∆V
O
Load Regulation
I
O=1 to 200mA
IO=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current Change
IO=1 to 200mA
Vin=7 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
75
µV rms
∆V
in /∆VO
Ripple Rejection
Vin=8 to 18V
f=120Hz
48
62
dB
V
in
Input Voltage Required To
Maintain Regulation
7
6.7
V
∆V
O /∆T
Average Temperature
Coefficient of VO
IO=5.0mA τ
0.1
mV/°C
ZR78L
SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com