Electronic Components Datasheet Search
  English  ▼

X  

B65857A Datasheet(PDF) 2 Page - EPCOS

Part # B65857A
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65857A Datasheet(HTML) 2 Page - EPCOS

  B65857A Datasheet HTML 1Page - EPCOS B65857A Datasheet HTML 2Page - EPCOS B65857A Datasheet HTML 3Page - EPCOS B65857A Datasheet HTML 4Page - EPCOS B65857A Datasheet HTML 5Page - EPCOS B65857A Datasheet HTML 6Page - EPCOS B65857A Datasheet HTML 7Page - EPCOS B65857A Datasheet HTML 8Page - EPCOS B65857A Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
For xDSL line transformer
■
Foot print of EP7
■
Height of EP13
■
Optimized design for low distortion
■
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 0.91 mm–1
le
= 15.7 mm
Ae
= 17.2 mm2
Amin = 13.9 mm2
Ve
= 270 mm3
Approx. weight 2.8 g/set
Gapped
Material
AL value
nH
s
approx.
mm
e
Ordering code
T38
63
3%
0.35
46
B65857A0063A038
100
3%
0.22
73
B65857A0100A038
160
4%
0.14
116
B65857A0160B038
200
4%
0.11
145
B65857A0200B038
250
5%
0.09
182
B65857A0250J038
315
6%
0.06
229
B65857A0315C038
400
7%
0.05
291
B65857A0400E038
T57
63
3%
0.35
46
B65857A0063A057
100
3%
0.22
73
B65857A0100A057
160
4%
0.14
116
B65857A0160B057
200
4%
0.11
145
B65857A0200B057
250
5%
0.09
182
B65857A0250J057
315
6%
0.06
229
B65857A0315C057
400
7%
0.05
291
B65857A0400E057
T66
63
3%
0.35
46
B65857A0063A066
100
3%
0.22
73
B65857A0100A066
160
4%
0.14
116
B65857A0160B066
200
4%
0.11
145
B65857A0200B066
250
5%
0.09
182
B65857A0250J066
315
6%
0.06
229
B65857A0315C066
400
7%
0.05
291
B65857A0400E066
B65857A
Core
EPX 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com