Electronic Components Datasheet Search
  English  ▼

X  

B66300 Datasheet(PDF) 3 Page - EPCOS

Part # B66300
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66300 Datasheet(HTML) 3 Page - EPCOS

  B66300 Datasheet HTML 1Page - EPCOS B66300 Datasheet HTML 2Page - EPCOS B66300 Datasheet HTML 3Page - EPCOS B66300 Datasheet HTML 4Page - EPCOS B66300 Datasheet HTML 5Page - EPCOS B66300 Datasheet HTML 6Page - EPCOS B66300 Datasheet HTML 7Page - EPCOS B66300 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
B66301B: Vectra E 130i E106764 (M), POLYPLASTICS CO LTD
B66301B: Vectra E 130i E83005 (M), TICONA
B66301C: Vectra C 130 E106764 (M), POLYPLASTICS CO LTD
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245 °C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255 °C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Plastic cover cap
Used to protect the transformer against external influences, for stamping and for improved process-
ing on assembly machines
Material:
see coil former, color code white
Coil former
Plastic cover cap
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

Terminals
1
1.62
12.8
272
4
B66301B1004T001
6
B66301B1006T001
2
0.9
12.8
490
6
B66301B1006T002
Plastic cover cap
B66301C2000X000
B66301
Accessories
E6.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com