Electronic Components Datasheet Search
  English  ▼

X  

ACPL-5161 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-5161
Description  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-5161 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-5161 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-5161 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
0.20
0.25
0.30
0.35
0.40
0
20
40
60
80
100
LOAD CAPACITANCE - nF
Tplh
Tphl
0.20
0.25
0.30
0.35
0.40
0
10
20
30
40
50
LOAD RESISTANCE - OHM
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
-55
-25
5
35
65
95
125
1.0
1.5
2.0
2.5
3.0
- 55
- 25
5
35
65
95
125
Vcc2=30 V
Vcc2=15 V
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
- 55
- 25
5
35
65
95
125
TA - TEMPERATURE - oC
VEE= 0 V
VEE= -5 V
VEE= -10 V
VEE= -15 V
0
0.002
0.004
0.006
0.008
0
10
20
30
40
50
LOAD CAPACITANCE - nF
TA - TEMPERATURE - oC
TA - TEMPERATURE - oC
Vcc2=30 V
Vcc2=15 V
Tplh
Tphl
Figure 21. Propagation delay vs. load capacitance
Figure 22. Propagation delay vs. load resistance
Figure 23. DESAT sense to 90% Vout delay vs. temperature
Figure 24. DESAT sense to 10% Vout delay vs. temperature
Figure 25. DESAT sense to low level fault signal delay vs. temperature
Figure 26. DESAT sense to 10% Vout delay vs. load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com