Electronic Components Datasheet Search
  English  ▼

X  

IR2233 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2233
Description  3-PHASE BRIDGE DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2233 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2233 Datasheet HTML 8Page - International Rectifier IR2233 Datasheet HTML 9Page - International Rectifier IR2233 Datasheet HTML 10Page - International Rectifier IR2233 Datasheet HTML 11Page - International Rectifier IR2233 Datasheet HTML 12Page - International Rectifier IR2233 Datasheet HTML 13Page - International Rectifier IR2233 Datasheet HTML 14Page - International Rectifier IR2233 Datasheet HTML 15Page - International Rectifier IR2233 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
12
www.irf.com
Min.
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 17A. Logic "0" Input Voltage (OUT=LO),
Fault Clear Voltage vs. Temperature
Min.
1
2
3
4
5
6
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 17B. Logic "0" Input Voltage (OUT=LO),
Fault Clear Voltage vs. Voltage
M ax.
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperatre (oC)
Figure 18A. Logic "1" Input (OUT=HI), Fault
Clear Input Voltage vs. Temperature
M ax.
0
1
2
3
4
5
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 18B. Logic "1" Input (OUT=HI), Fault
Clear Input Voltage vs. Voltage
Min.
Typ.
M ax.
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Temperatre (oC)
Figure 21A. SD Input TH(+) vs.
Temperature
Min.
Typ.
M ax.
1.0
1.5
2.0
2.5
3.0
10
12.5
15
17.5
20
Supply Voltage (V)
Figure 21B. SD Input TH(+) vs. Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com