Electronic Components Datasheet Search
  English  ▼

X  

U2J Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # U2J
Description  SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

U2J Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  U2J Datasheet HTML 1Page - Yea Shin Technology Co., Ltd U2J Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
U2A Thru U2M
SMF Unit: inch ( mm )
Top View
5
5
Z
Cathode Band
Detail
Z
enlarged
0.10 max
0.195 (0.9)typical
(0.189)4.8
(0.173)4.4
(0.052)1.3
(0.043)1.1
0.110(2.8)
0.095(2.4)
1.43
1.38
3.6
3.2
0.22
0.15
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
ULTRA FAST RECTIFIERS FORWARD CURRENT - 2 Ampere
FEATURES
•
Glass passivated chip
•
Ultra fast switching for high efficiency
•
For surface mounted applications
•
Low forward voltage drop and high current capability
•
Low reverse leakage current
•
Plastic material has UL flammability classification 94V-0
High temperature soldering : 260
•
OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANCALDATA
•
Case: ITO-220AB full molded plastic package
•
Case : Molded plastic
•
Polarity : Indicated by cathode band
•
Weight : 0.002 ounces, 0.064 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
U2A
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TL =75°C
IAV
2.0
A
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
IFSM
60
A
Maximum forward Voltage at 1.0A DC
VF
1.0
1.3
1.5
1.7
V
Maximum DC Reverse Current
@TJ =25°C
at Rated DC Blocking Voltage
@TJ =100°C
IR
5
100
µA
Maximum Reverse Recovery Time (Note 1)
CJ
20
10
pF
Typical Junction
Capacitance (Note 2)
TRR
50
75
ns
Typical Thermal Resistance (Note 3)
RӨJC
30
°
C/W
Operating Temperature Range
TJ
-55 to +150
°
C
Storage Temperature Range
TSTG
-55 to +150
°
C
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to ambient and from junction to lead 0.375” (9.5mm) P.C.B mounted.
U2B
U2D
U2G
U2J
U2M
U2K


Similar Part No. - U2J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
U2J MURATA-U2J Datasheet
4Mb / 237P
Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
Microdiode Semiconducto...
U2JB CHENDA-U2JB Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Toshiba Semiconductor
U2JC44 TOSHIBA-U2JC44 Datasheet
124Kb / 3P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
GENERAL PURPOSE RECTIFIER APPLICATIONS
More results

Similar Description - U2J

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1A PACELEADER-US1A Datasheet
129Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
REVERSE VOLTAGE - 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com