Electronic Components Datasheet Search
  English  ▼

X  

UF1JS Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # UF1JS
Description  SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UF1JS Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  UF1JS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF1JS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd UF1JS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H
http://www.yeashin.com
1
REV.02 20110725
DATA SHEET
U F1AS THRU UF1MS
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
ULTRA FAST RECTIFIERS FORWARD CURRENT - 1.0 Ampere
FEATURES
• • Glass passivated chip
• • Ultra fast switching for high efficiency
• • For surface mounted applications
• • Low forward voltage drop and high current capability
• • Low reverse leakage current
• • Plastic material has UL flammability classification 94V-0
High temperature soldering : 260
• •
OC / 10 seconds at terminals
• • Pb free product at available : 99% Sn above meet RoHS environment
substance directive request
MECHANICAL DATA
• • Case : Molded plastic
• • Polarity : Indicated by cathode band
• • Weight :0.01 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
• • ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UF1AS
UF1BS
UF1DS
UF1GS
UF1JS
UF1KS
UF1MS
UNIT
Maximum Recurrent Peak Reverse V oltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average For ward
Rectified Current
@TL =75
I(AV)
1.0
A
Peak Forward Surge Current
8.3ms single ha lf sine- wave
super imposed on rated load (JEDEC METHOD)
IFSM
30
A
Maxi mum f orward Voltage at 1.0A DC
VF
1.0
1.3
1.5
1.7
V
Maxi mum DC Reverse Cur rent
@TJ =25
at Rated DC Blocking Voltage
@TJ =100
IR
5
100
uA
Maximum Reverse Recovery Time (Note 1)
TRR
50
75
ns
Typical Junction
Capacitance (Note 2)
CJ
20
10
pF
Typical Thermal Resistance (Note 3 )
R
θJL
30
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
NOTES : 1.Reverse Recovery Test Conditions :IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance junction to Lead.
SOD-123S
0.014(0.35)
MIN
0.112(2.85)
0.047(1.20)
0.100(2.55)
MAX
0.152(3.85)
0.140(3.55)
Unit:inch(mm)
MARKING CODE
U1
U2
U3
U4
U5
U6
U7
: Halogen Free
: Pb Free
SEMICONDUCTOR
°C
°C
°C/W
°C
°C
°C


Similar Part No. - UF1JS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1J PANJIT-UF1J Datasheet
70Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Surge Components
UF1J SURGE-UF1J Datasheet
75Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
UF1J TRSYS-UF1J Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
UF1J SSE-UF1J Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Dc Components
UF1J DCCOM-UF1J Datasheet
530Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - UF1JS

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1A PACELEADER-US1A Datasheet
129Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
U2A YEASHIN-U2A Datasheet
134Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
REVERSE VOLTAGE - 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com