Electronic Components Datasheet Search
  English  ▼

X  

IRLML5203GPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLML5203GPBF
Description  Ultra Low On-Resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5203GPBF Datasheet(HTML) 8 Page - International Rectifier

  IRLML5203GPBF Datasheet HTML 1Page - International Rectifier IRLML5203GPBF Datasheet HTML 2Page - International Rectifier IRLML5203GPBF Datasheet HTML 3Page - International Rectifier IRLML5203GPBF Datasheet HTML 4Page - International Rectifier IRLML5203GPBF Datasheet HTML 5Page - International Rectifier IRLML5203GPBF Datasheet HTML 6Page - International Rectifier IRLML5203GPBF Datasheet HTML 7Page - International Rectifier IRLML5203GPBF Datasheet HTML 8Page - International Rectifier IRLML5203GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRLML5203GPbF
8
www.irf.com
Micro3 / SOT-23 Package Marking
A YW LC
PART NUMBER
Y = YEAR
W = WEEK
LOT
CODE
HALOGEN FREE
INDICATOR
PART NUMBER CODE REFERENCE:
A = IRLML2402
B =IRLML2803
C = IRLML2402
D = IRLML5103
E = IRLML6402
F = IRLML6401
G = IRLML2502
H = IRLML5203
Note: A line above the work week
(as shown here) indicates Lead-free
Micro3 (SOT-23 / TO-236AB) Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
6
!
6
!&
XÃ2Ã !%ÃDAÃQS@8@9@9Ã7`ÃG6TUÃ9DBDUÃPAÃ86G@I96SÃ`@6S
XÃ2Ã!&$!ÃDAÃQS@8@9@9Ã7`Ã6ÃG@UU@S
`
'
!'
"
!"
!
`@6S
!!
!
$
!$
!#
#
!&
!%
&
%
! 

!(
(
`@6S
`
8
"
XPSF
X@@F

!
6
X
7
#
9
!#
!%
!$
Y
a
`
XPSF
X@@FX
F
C
B
A
@
9
8
7
!%
!"
!!
!$
!#
!'
!&
! 
!(
E
`
$
!(
!'
"
8
7
9
$
Y
$!
a
0.972
1.900
Recommended Footprint
0.802
0.950
2.742
Micro3 (SOT-23) (Lead-Free) Package Outline
Dimensions are shown in millimeters (inches)
e
E1
E
D
A
B
0.15 [0.006]
e1
1
2
3
M CB A
5
6
6
5
3X L
c
b
A1
3X
A
A2
A
B
C
M
0.20 [0.008]
0.10 [0.004] C
C
L2
H
4
L1
7
0.89
1.12
SYMBOL
MAX
MIN
A1
b
0.01
0.10
c
0.30
0.50
D
0.08
0.20
E
2.80
3.04
E1
2.10
2.64
e
1.20
1.40
A
0.95
BSC
L
0.40
0.60
08
MILLIMETERS
A2
0.88
1.02
e1
1.90
BSC
REF
0.54
L1
BSC
0.25
L2
 
BSC
!
REF
7T8Ã
&$
#
"$
INCHES
8
0
!#
 %
7T8
"&
$$
#&
 #
'"
 !
 
'
"
!
 !
#
0.0004
MIN
MAX
##
"$
DIMENSIONS
NOTES:
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER.
4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE.
5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H.
6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES
NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS
OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE.
7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE.
8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com