Electronic Components Datasheet Search
  English  ▼

X  

IL4580 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL4580
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL4580 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL4580 Datasheet HTML 1Page - IK Semicon Co., Ltd IL4580 Datasheet HTML 2Page - IK Semicon Co., Ltd IL4580 Datasheet HTML 3Page - IK Semicon Co., Ltd IL4580 Datasheet HTML 4Page - IK Semicon Co., Ltd IL4580 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL4580
2011, January, ver.01
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Symbol
Parameter
Ratings
Unit
V
+/V-
Supply Voltage
±18
V
VID
Differential Input Voltage
30
V
VIC
Input Voltage
±15*
V
IO
Output Current
±50
mA
Topr
Operation Temperature Range
-40
∼ +85
°C
Tstg
Storage Temperature Range
-60
∼ +125
°C
* For supply voltage less then
±15 V, the absolute maximum input voltage is equal to the supply voltage.
** Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
+/V- =
±15)
Symbol
Parameter
Test Condition
Min
Max
Unit
V
IO
Input Offset Voltage
R
S ≤ 10 kΩ
-
3
mV
I
IO
Input Offset Current
-
200
nA
I
B
Input Bias Current
-
500
nA
R
IN
Input Resistance
0.3
-
M
Ω
A
V
Large Signal Voltage Gain
R
L ≥ 2 kΩ, V O =
±10 V
90
-
dB
VOM
Output Voltage Swing
R
L ≥ 2 kΩ
±12
-
V
VICM
Input Common Mode Voltage Range
±12
-
V
CMR
Common Mode Rejection Ratio
R
S ≤ 10 kΩ
80
-
dB
SVR
Supply Voltage Rejection Ratio
R
S ≤ 10 kΩ
80
-
dB
ICC
Operating Current
-
9
mA
SR
Slew Rate
R
L ≥ 2 kΩ
4
6
V/
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com