Electronic Components Datasheet Search
  English  ▼

X  

IL34063AN Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL34063AN
Description  DC-TO-DC CONVERTER CONTROL CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL34063AN Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL34063AN Datasheet HTML 1Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 2Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 3Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 4Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 5Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 6Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 7Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 8Page - IK Semicon Co., Ltd IL34063AN Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
I L 34063A
2011, February, Rev. 02
ORDERING INFORMATION
Device
Temperature Range
Package
34063AD
0° to +70°C
SO-8
34063AN
Plastic DIP
(VCC = 5.0 V, TA= 0 to +70
oC unless otherwise specified.)
ELECTRICAL CHARACTERICISTICS
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VPin 5 = 0 V, CT = 1.0 nF, TA = 25°C)
fosc
24
33
42
kHz
Charge Current (VCC = 5.0 V to 40 V, TA = 25°C)
Ichg
24
33
42
µA
Discharge Current (VCC = 5.0 V to 40 V, TA = 25°C)
Idischg
140
200
260
µA
Discharge to Charge Current Ratio (Pin7 to Vcc, TA=25°C)
Idischg/Ichg
5.2
6.2
7.5
—
Current Limit Sense Voltage (Ichg = Idischg, TA = 25°C)
Vipk(sense)
250
300
350
mV
OUTPUT SWITCH (Note 3)
Saturation Voltage, Darlington Connection (ISW = 1.0 A, Pins 1, 8
connected)
VCE(sat)
—
1.0
1.3
V
Saturation Voltage (ISW = 1.0 A, RPin 8 = 82 Ω to VCC.
Forced
β = 20)
VCE(sat)
—
0.45
0.7
V
DC Current Gain (ISW = 1.0 A, VCE
= 5.0 V, T
A = 25°C)
hFE
50
120
—
—
Collector Off-State Current (VCE = 40V)
IC(off)
—
0.01
100
µA
COMPARATOR
Threshold Voltage (TA = 25°C)
(TA = TLOW to THIGH)
Vth
1.225
1.21
1.25
—
1.275
1.29
V
Threshold Voltage (TA = 25°C) **
Vth
1.2375
1.25
1.2625
V
Threshold Voltage Line Regulation (VCC = 3 0 V to 40 V)
Regline
1.4
5.0
mV
Input Bias Current (Vin=0V)
IIB
—
-40
-400
nA
TOTAL DEVICE
Supply Current (VCC = 5 0 V to 40 V, CT = 1 0 nF, Vpin7 = VCC.
VPin5 > Vth, Pin 2 = Gnd, Remaining pins open)
ICC
2.5
4.0
mA
NOTES:
1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain Junction temperature as close to ambient temperature as possible
3. If the output switch is driven into hard saturation (non Darlington configuration) at low switch currents (< 300 mA) and high
driver currents (>30 mA), it may take up to 2.0
µs to come out of saturation This condition will shorten the off' time at frequencies >
30 kHz, and is magnified at high temperatures This condition does not occur with a Darlington configuration, since the output switch
cannot saturate If a non Darlington configuration is used, the following output drive condition is recommended
Forced
β of output switch = I
C, output/(Ic, driver -7.0 mA*) > 10
*The 100
Ω. resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts
**Possible version for shipment
Pin connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com