Electronic Components Datasheet Search
  English  ▼

X  

B66311 Datasheet(PDF) 2 Page - EPCOS

Part # B66311
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66311 Datasheet(HTML) 2 Page - EPCOS

  B66311 Datasheet HTML 1Page - EPCOS B66311 Datasheet HTML 2Page - EPCOS B66311 Datasheet HTML 3Page - EPCOS B66311 Datasheet HTML 4Page - EPCOS B66311 Datasheet HTML 5Page - EPCOS B66311 Datasheet HTML 6Page - EPCOS B66311 Datasheet HTML 7Page - EPCOS B66311 Datasheet HTML 8Page - EPCOS B66311 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 61246
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 1.44 mm–1
le
= 46.3 mm
Ae
= 32.1 mm2
Amin = 31.9 mm2
Ve
= 1490 mm3
Approx. weight 7.3 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.05 mm < s < 1.50 mm
K3, K4: 50 nH < AL < 430 nH
Material
AL value
nH
e
PV
W/set
Ordering code
N30
2150 +30/–20%
2460
B66311G0000X130
N27
1300 +30/–20%
1490
< 0.27 (200 mT, 25 kHz, 100 °C)
B66311G0000X127
N87
1470 +30/–20%
1680
< 0.75 (200 mT, 100 kHz, 100 °C)
B66311G0000X187
Material
g
mm
AL value
approx.
nH
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.09
0.01
363
415
B66311G0090X1**
N87
0.17
0.02
227
259
B66311G0170X1**
0.25
0.02
171
195
B66311G0250X1**
0.50
0.05
103
118
B66311G0500X1**
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
61.6
–0.737
88.1
–0.847
80.9
–0.865
N87
61.6
–0.737
88.5
–0.796
78.4
–0.873
B66311
Core
E 20/10/6 (EF 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com