Electronic Components Datasheet Search
  English  ▼

X  

B66347 Datasheet(PDF) 2 Page - EPCOS

Part # B66347
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66347 Datasheet(HTML) 2 Page - EPCOS

  B66347 Datasheet HTML 1Page - EPCOS B66347 Datasheet HTML 2Page - EPCOS B66347 Datasheet HTML 3Page - EPCOS B66347 Datasheet HTML 4Page - EPCOS B66347 Datasheet HTML 5Page - EPCOS B66347 Datasheet HTML 6Page - EPCOS B66347 Datasheet HTML 7Page - EPCOS B66347 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Round center leg particularly suitable
for use of thick winding wires or tapes
For compact winding design with
low leakage inductance
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.58 mm–1
le
= 99 mm
Ae
= 170 mm2
Amin = 170 mm2
Ve
= 16800 mm3
Approx. weight 84 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information” )
Validity range:
K1, K2: 0.10 mm < s < 3.00 mm
K3, K4: 110 nH < AL < 1100 nH
Material
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
N27
3200 +30/–20% 1480
320
< 3.1 (200 mT, 25 kHz, 100 °C) B66347G0000X127
N87
3700 +30/–20% 1710
320
< 9.0 (200 mT, 100 kHz, 100 °C) B66347G0000X187
Material
g
mm
AL value
approx.
nH
e
Ordering code
N27
1.00
0.05
257
119
B66347G1000X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
257
–0.741
415
–0.847
387
–0.865
N87
257
–0.741
401
–0.796
377
–0.873
B66347
Core
ER 42/22/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com