Electronic Components Datasheet Search
  English  ▼

X  

B66365 Datasheet(PDF) 4 Page - EPCOS

Part # B66365
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66365 Datasheet(HTML) 4 Page - EPCOS

  B66365 Datasheet HTML 1Page - EPCOS B66365 Datasheet HTML 2Page - EPCOS B66365 Datasheet HTML 3Page - EPCOS B66365 Datasheet HTML 4Page - EPCOS B66365 Datasheet HTML 5Page - EPCOS B66365 Datasheet HTML 6Page - EPCOS B66365 Datasheet HTML 7Page - EPCOS B66365 Datasheet HTML 8Page - EPCOS B66365 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR polyterephthalate, UL 94 V-0, insulation class to IEC 60085:
B66366B: F
max. operating temperature 155 °C, color code black
Valox 420-SE0® E45329 (M), GE PLASTICS B V
B66366W: H
max. operating temperature 180 °C, color code black
Rynite FR 530® E41938 (M), E I DUPONT DE NEMOURS & CO INC
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Winding:
see Data Book 2013, chapter “Processing notes, 2.1”
Yoke
Material:
Stainless spring steel (0.4 mm)
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value

Pins
1
210
77.7
12.7
18
B66366B1018T001
B66366W1018T001
Yoke (ordering code per piece, 2 are required)
B66366A2000X000
B66366
Accessories
ETD 44/22/15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com