Electronic Components Datasheet Search
  English  ▼

X  

B66387 Datasheet(PDF) 2 Page - EPCOS

Part # B66387
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66387 Datasheet(HTML) 2 Page - EPCOS

  B66387 Datasheet HTML 1Page - EPCOS B66387 Datasheet HTML 2Page - EPCOS B66387 Datasheet HTML 3Page - EPCOS B66387 Datasheet HTML 4Page - EPCOS B66387 Datasheet HTML 5Page - EPCOS B66387 Datasheet HTML 6Page - EPCOS B66387 Datasheet HTML 7Page - EPCOS B66387 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.27 mm–1
le
= 147 mm
Ae
= 535 mm2
Amin = 529 mm2
Ve
= 78650 mm3
Approx. weight 394 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information” )
Validity range:
K1, K2: 0.20 mm < s < 5.00 mm
K3, K4: 230 nH < AL < 2290 nH
Mate-
rial
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
N27
7200 +30/–20%
1570 320
< 14.6 (200 mT, 25 kHz, 100 °C)
B66387G0000X127
N87
7900 +30/–20%
1700 320
< 6.7 (100 mT, 100 kHz, 100 °C)
B66387G0000X187
Material
g
mm
AL value
approx.
nH
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.50
0.05
1214
265
B66387G0500X1**
N87
1.00
0.05
716
156
B66387G1000X1**
1.50
0.05
526
115
B66387G1500X1**
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
716
–0.762
1231
–0.847
1154
–0.865
N87
716
–0.762
1168
–0.796
1131
–0.873
B66387
Core
E 65/32/27



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com