Electronic Components Datasheet Search
  English  ▼

X  

B66395 Datasheet(PDF) 2 Page - EPCOS

Part # B66395
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66395 Datasheet(HTML) 2 Page - EPCOS

  B66395 Datasheet HTML 1Page - EPCOS B66395 Datasheet HTML 2Page - EPCOS B66395 Datasheet HTML 3Page - EPCOS B66395 Datasheet HTML 4Page - EPCOS B66395 Datasheet HTML 5Page - EPCOS B66395 Datasheet HTML 6Page - EPCOS B66395 Datasheet HTML 7Page - EPCOS B66395 Datasheet HTML 8Page - EPCOS B66395 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 61185
■
For SMPS transformers with optimum
weight/performance ratio at small volume
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.45 mm–1
le
= 127 mm
Ae
= 280 mm2
Amin = 280 mm2
Ve
= 35600 mm3
Approx. weight 180 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material AL value
nH
e
BS*
mT
PV
W/set
Ordering code
N27
4200 +30/–20% 1510
320
< 6.66 (200 mT, 25 kHz, 100 °C) B66395G0000X127
N87
4450 +30/–20% 1600
320
< 3.20 (100 mT, 100 kHz, 100 °C) B66395G0000X187
N97
4600 +30/–20% 1650
320
< 2.60 (100 mT, 100 kHz, 100 °C) B66395G0000X197
Material
g
mm
AL value
approx.
nH
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.20
0.02
1377
496
B66395G0200X1**
N87
1.00
0.05
393
141
B66395G1000X1**
1.50
0.05
287
103
B66395G1500X1**
2.00
0.05
229
82
B66395G2000X1**
B66395
Core
ETD 54/28/19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com