Electronic Components Datasheet Search
  English  ▼

X  

PE64907 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE64907
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE64907 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE64907 Datasheet HTML 1Page - Peregrine Semiconductor PE64907 Datasheet HTML 2Page - Peregrine Semiconductor PE64907 Datasheet HTML 3Page - Peregrine Semiconductor PE64907 Datasheet HTML 4Page - Peregrine Semiconductor PE64907 Datasheet HTML 5Page - Peregrine Semiconductor PE64907 Datasheet HTML 6Page - Peregrine Semiconductor PE64907 Datasheet HTML 7Page - Peregrine Semiconductor PE64907 Datasheet HTML 8Page - Peregrine Semiconductor PE64907 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2 of 10
©2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-30214-2 │ UltraCMOS® RFIC Solutions
Product Specification
PE64907
Table 1. Electrical Specifications @ 25°C, VDD = 2.75V (In shunt configuration, RF- connected to GND)
Parameter
Condition
Min
Typ
Max
Unit
Operating frequency
100
3000
MHz
Minimum capacitance
(Cmin)
State 00000, 100 MHz
0.77
0.85
0.94
pF
Maximum capacitance
(Cmax)
State 11111, 100 MHz
2.16
2.40
2.64
pF
Tuning ratio
Cmax/Cmin, 100 MHz
2.82:1
Step size
5 bits (32 states), 100 MHz
0.050
pF
Quality factor at Cmin1
698 - 960 MHz, with LS removed
1710 - 2170 MHz, with LS removed
41
37
Quality Factor at Cmax1
698 - 960 MHz, with LS removed
1710 - 2170 MHz, with LS removed
34
16
Self resonant frequency
State 00000
State 11111
8.3
3.5
GHz
Harmonics2
2fo, 3fo: 698 - 915 MHz; PIN +34 dBm, 50Ω
2fo, 3fo: 1710 - 1910 MHz; PIN +32 dBm, 50Ω
-36
-36
dBm
dBm
IMD3
Bands I,II,V/VIII, +20 dBm CW @ TX freq,
-15 dBm CW @ 2Tx-Rx freq, 50Ω
-105
dBm
Switching time3,4
State change to 10/90% delta capacitance between any two states
12
µs
Start-up time3
Time from VDD within specification to all performances within specification
70
µs
Wake-up time3,4
State change from Standby mode to RF state to all performances within specification
70
µs
Third order intercept point
(IP3)
Shunt configuration derived from IMD3 spec
IP3 = (2PTX + Pblock - IMD3) / 2
65
dBm
Notes: 1. Q for a shunt DTC based on a series RLC equivalent circuit
Q = XC / R = (X - XL) / R, where X = XL + XC , XL = 2*pi*f*L, XC = -1 / (2*pi*f*C), which is equal to removing the effect of parasitic inductance LS
2. In shunt between 50Ω ports. Pulsed RF input with 4620 µS period, 50% duty cycle, measured per 3GPP TS 45.005
3. DC path to ground at RF– must be provided to achieve specified performance
4. State change activated on falling edge of SEN following data word



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com