Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G125GS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G125GS
Description  Bus buffer/line driver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G125GS Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G125GS Datasheet HTML 1Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LVC1G125 provides one non-inverting buffer/line driver with 3-state output.
The 3-state output is controlled by the output enable input (OE). A HIGH-level at pin OE
causes the output to assume a high-impedance OFF-state.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
24 mA output drive (V
CC =3.0 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CMOS low power consumption
Inputs accept voltages up to 5 V
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
74LVC1G125
Bus buffer/line driver; 3-state
Rev. 11 — 2 July 2012
Product data sheet


Similar Part No. - 74LVC1G125GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125GS NXP-74LVC1G125GS Datasheet
156Kb / 19P
Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
74LVC1G125GS PHILIPS-74LVC1G125GS Datasheet
134Kb / 19P
Bus buffer/line driver; 3-state
Rev. 10-7 December 2011
74LVC1G125GS NXP-74LVC1G125GS Datasheet
369Kb / 20P
Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
logo
Nexperia B.V. All right...
74LVC1G125GS NEXPERIA-74LVC1G125GS Datasheet
273Kb / 18P
Bus buffer/line driver; 3-state
Rev. 15 - 19 January 2022
74LVC1G125GS NEXPERIA-74LVC1G125GS Datasheet
299Kb / 19P
Bus buffer/line driver; 3-state
Rev. 17.1 - 3 September 2024
More results

Similar Description - 74LVC1G125GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
Bus buffer/line driver; 3-state
2002 Jun 06
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
Bus buffer/line driver; 3-state
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com