Electronic Components Datasheet Search
  English  ▼

X  

TDA1552Q Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1552Q
Description  2 x 22 W BTL stereo car radio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1552Q Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1552Q Datasheet HTML 1Page - NXP Semiconductors TDA1552Q Datasheet HTML 2Page - NXP Semiconductors TDA1552Q Datasheet HTML 3Page - NXP Semiconductors TDA1552Q Datasheet HTML 4Page - NXP Semiconductors TDA1552Q Datasheet HTML 5Page - NXP Semiconductors TDA1552Q Datasheet HTML 6Page - NXP Semiconductors TDA1552Q Datasheet HTML 7Page - NXP Semiconductors TDA1552Q Datasheet HTML 8Page - NXP Semiconductors TDA1552Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
July 1994
2
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier
TDA1552Q
GENERAL DESCRIPTION
The TDA1552Q is an integrated class-B output amplifier in a 13-lead single-in-line (SIL) plastic power package.
The circuit contains 2 x 22 W amplifiers in Bridge Tied Load (BTL) configuration. The device is primarily developed for
car radio applications.
Features
• Requires very few external components
• High output power
• Low offset voltage at outputs
• Fixed gain
• Good ripple rejection
• Mute/stand-by switch
• Load dump protection
• AC and DC short-circuit-safe to ground and V
P
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P = 0 V)
• Protected against electrostatic discharge
• No switch-on/switch-off plop
• Low thermal resistance
• Flexible leads.
QUICK REFERENCE DATA
PACKAGE OUTLINE
13-lead SIL-bent-to-DIL; plastic power (SOT141R); SOT 141-6; 1996 July 23.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage range
operating
VP
6.0
14.4
18.0
V
non-operating
VP
−−
30
V
load dump protected
VP
−−
45
V
Repetitive peak output
current
IORM
−−
4A
Total quiescent current
Itot
−
80
160
mA
Stand-by current
Isb
−
0.1
100
µA
Switch-on current
Isw
−−
60
µA
Input impedance
|ZI|
506075k
Ω
Junction temperature
Tj
−−
150
°C
Stereo application
Output power
RL = 4 Ω; THD = 10% Po
20
22
−
W
Supply voltage ripple
rejection
RS = 0 Ω
f = 100 Hz to 10 kHz
RR
48
−−
dB
DC output offset voltage
|
∆V
O|
−−
150
mV
Channel separation
α
40
−−
dB
Channel unbalance
|
∆G
v|
−−
1dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com